Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEK-POW-LDOV02X Datasheet (PDF) - STMicroelectronics

AEK-POW-LDOV02X Datasheet PDF - STMicroelectronics
Part # AEK-POW-LDOV02X
Download  AEK-POW-LDOV02X Download
File Size   1618.18 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual linear voltage regulator evaluation board with configurable output voltage and diagnostic features based on automotive-grade L99VR02XP

AEK-POW-LDOV02X Datasheet (PDF)

Go To PDF Page Download Datasheet
AEK-POW-LDOV02X Datasheet PDF - STMicroelectronics

Part # AEK-POW-LDOV02X
Download  AEK-POW-LDOV02X Click to download

File Size   1618.18 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual linear voltage regulator evaluation board with configurable output voltage and diagnostic features based on automotive-grade L99VR02XP

AEK-POW-LDOV02X Datasheet (HTML) - STMicroelectronics


AEK-POW-LDOV02X Product details

Features
• L99VR02XP dual automotive-grade linear voltage regulator
• User-selectable output voltages (0.8, 1.2, 1.5, 1.8, 2.5, 2.8, 3.3, and 5 V) with
up to 250 mA load current capability per channel (LDO1 and LDO2)
• Protection and diagnostic features:
– Enable pin for enabling/disabling the voltage regulator
– Reset
– Watchdog
– Advanced thermal warning with output overvoltage detection
– Undervoltage lockout
– Programmable short-circuit output current (Ishort)
– Fast output discharge
– Short-to-battery output protection
– The two internal LDOs have separate thermal clusters and temperature
sensors
– Thermal shutdown and short-circuit protection
– LDO2 automatic voltage tracking and de-tracking with respect to LDO1
or to an external voltage regulator
• Compact size: 71 mm x 66 mm
• Included in the AutoDevKit ecosystem




Similar Part No. - AEK-POW-LDOV02X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AEK-POW-LDOV01J STMICROELECTRONICS-AEK-POW-LDOV01J Datasheet
312Kb / 6P
Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
02-Sep-2022
AEK-POW-LDOV01S STMICROELECTRONICS-AEK-POW-LDOV01S Datasheet
2Mb / 6P
Automotive-grade LDO with configurable output voltage based on the L99VR01STR
26-Jul-2022
More results


Similar Description - AEK-POW-LDOV02X

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2000DJ-00A MPS-EV2000DJ-00A Datasheet
146Kb / 3P
Low Input Voltage 150mA Linear Regulator Evaluation Board
logo
STMicroelectronics
STEVAL-MKI004V1 STMICROELECTRONICS-STEVAL-MKI004V1 Datasheet
123Kb / 4P
MEMS 3-axis - ±2g/±6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ
16-Oct-2007
STEVAL-MKI012V1 STMICROELECTRONICS-STEVAL-MKI012V1 Datasheet
114Kb / 4P
MEMS analog output evaluation board based on LIS3L06AL
16-Oct-2007
logo
Monolithic Power System...
MP20043 MPS-MP20043 Datasheet
308Kb / 13P
Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
MP20142 MPS-MP20142 Datasheet
385Kb / 13P
Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
STMicroelectronics
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
26-Mar-2015
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
AEK-POW-LDOV01J STMICROELECTRONICS-AEK-POW-LDOV01J Datasheet
312Kb / 6P
Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
02-Sep-2022
AEK-POW-LDOV01S STMICROELECTRONICS-AEK-POW-LDOV01S Datasheet
2Mb / 6P
Automotive-grade LDO with configurable output voltage based on the L99VR01STR
26-Jul-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com