Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1410055 Datasheet (PDF) - PHOENIX CONTACT

1410055 Datasheet PDF - PHOENIX CONTACT
Part # 1410055
Download  1410055 Download
File Size   231.08 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CES-SRG-BK-2ASI-LL - Cable sleeve

1410055 Datasheet (PDF)

Go To PDF Page Download Datasheet
1410055 Datasheet PDF - PHOENIX CONTACT

Part # 1410055
Download  1410055 Click to download

File Size   231.08 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CES-SRG-BK-2ASI-LL - Cable sleeve

1410055 Datasheet (HTML) - PHOENIX CONTACT


1410055 Product details

Cable sleeve, small, no. of conductors: 2, type: AS-i cable (Left Left), slotted, material: NBR,
color: black, length: 29.5 mm, width: 19.5 mm, height: 17 mm




Similar Part No. - 1410055

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1410050 PHOENIX-1410050 Datasheet
181Kb / 5P
FOC-V06-D1PGY-S/SJBE4 - Fiber optic coupling
More results


Similar Description - 1410055

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801616 PHOENIX-0801616 Datasheet
67Kb / 3P
Cable sleeve - CES-SRG-BK-13
09/11/2020
0801617 PHOENIX-0801617 Datasheet
67Kb / 3P
Cable sleeve - CES-SRG-BK-12
09/11/2020
0801620 PHOENIX-0801620 Datasheet
67Kb / 3P
Cable sleeve - CES-SRG-BK-10
09/11/2020
0801627 PHOENIX-0801627 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-7
09/11/2020
0801630 PHOENIX-0801630 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-5
09/11/2020
0801635 PHOENIX-0801635 Datasheet
65Kb / 3P
Cable sleeve - CES-SRG-BK-2
09/11/2020
0801657 PHOENIX-0801657 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-2X5
09/11/2020
0801666 PHOENIX-0801666 Datasheet
68Kb / 3P
Cable sleeve - CES-SRG-BK-4X4
09/11/2020
0801718 PHOENIX-0801718 Datasheet
72Kb / 4P
Cable sleeve - CES-SRC-BK
09/11/2020
0801719 PHOENIX-0801719 Datasheet
57Kb / 3P
Cable sleeve - CES-LRC-BK
10/10/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com