Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1411272 Datasheet (PDF) - PHOENIX CONTACT

1411272 Datasheet PDF - PHOENIX CONTACT
Part # 1411272
Download  1411272 Download
File Size   235.18 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description A-INLE-M40-N-S - EMC nut

1411272 Datasheet (PDF)

Go To PDF Page Download Datasheet
1411272 Datasheet PDF - PHOENIX CONTACT

Part # 1411272
Download  1411272 Click to download

File Size   235.18 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description A-INLE-M40-N-S - EMC nut

1411272 Datasheet (HTML) - PHOENIX CONTACT


1411272 Product details

EMC nut, for threads M40 x 1.5, color: silver-colored




Similar Part No. - 1411272

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411271 PHOENIX-1411271 Datasheet
235Kb / 5P
A-INLE-M32-N-S - EMC nut
1411273 PHOENIX-1411273 Datasheet
258Kb / 5P
A-INLE-M50-N-S - EMC nut
1411274 PHOENIX-1411274 Datasheet
232Kb / 5P
A-INLE-M63-N-S - EMC nut
1411275 PHOENIX-1411275 Datasheet
238Kb / 5P
A-INLE-PG7-N-S - EMC nut
1411276 PHOENIX-1411276 Datasheet
238Kb / 5P
A-INLE-PG9-N-S - EMC nut
More results


Similar Description - 1411272

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19-39-806-0448 HARTING-19-39-806-0448 Datasheet
527Kb / 2P
Han 6HP Direct/EMC-HTE-M40 Hood
19-39-816-0448 HARTING-19-39-816-0448 Datasheet
521Kb / 2P
Han 16HP Direct/EMC-HTE-M40 Hood
19-39-824-0448 HARTING-19-39-824-0448 Datasheet
557Kb / 2P
Han 24HP Direct/EMC-HTE-M40 Hood
19-39-824-0548 HARTING-19-39-824-0548 Datasheet
578Kb / 2P
Han 24HP Direct/EMC-HSE-M40 Hood
19-39-806-0548 HARTING-19-39-806-0548 Datasheet
499Kb / 2P
Han 6HP Direct/EMC-HSE-M40
19-62-010-0543 HARTING-19-62-010-0543 Datasheet
492Kb / 2P
Han EMC 10 Hood Side Entry M40
19-62-064-0543 HARTING-19-62-064-0543 Datasheet
492Kb / 2P
Han EMC Hood Side Entry M40
logo
PHOENIX CONTACT
1411250 PHOENIX-1411250 Datasheet
65Kb / 3P
Counter nut - A-INL-M25-S-S
09/11/2020
1411267 PHOENIX-1411267 Datasheet
65Kb / 3P
EMV nut - A-INLE-M12-N-S
09/11/2020
1411277 PHOENIX-1411277 Datasheet
64Kb / 3P
EMV nut - A-INLE-PG11-N-S
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com