Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0030 Datasheet (PDF) - DFROBOT

DFR0030 Datasheet PDF - DFROBOT
Part # DFR0030
Download  DFR0030 Download
File Size   114.3 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital Capacitive Touch Sensor For Arduino

DFR0030 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0030 Datasheet PDF - DFROBOT

Part # DFR0030
Download  DFR0030 Click to download

File Size   114.3 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital Capacitive Touch Sensor For Arduino

DFR0030 Datasheet (HTML) - DFROBOT


DFR0030 Product details

FEATURES
 Wide voltage range from 3.3V to 5V
 Standard assembling structure (two 3mm holes with multiple of 5cm as interval)
 Easily recognitive interfaces of sensors ("A" for analog and "D" for digital)
 Icons to simplely illustrate sensor function
 High quality connector
 Immersion gold surface
 Specification




Similar Part No. - DFR0030

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0031 DFROBOT-DFR0031 Datasheet
152Kb / 3P
Digital piranha LED light module (SKU: DFR0031)
DFR0031-B DFROBOT-DFR0031-B Datasheet
56Kb / 1P
Gravity:Digital piranha LED module-Blue
DFR0031-G DFROBOT-DFR0031-G Datasheet
197Kb / 4P
Digital piranha LED light module ‐ Green (SKU: DFR0031‐G)
DFR0031-R DFROBOT-DFR0031-R Datasheet
52Kb / 1P
Gravity:Digital Piranha LED Module-Red
DFR0031-W DFROBOT-DFR0031-W Datasheet
49Kb / 1P
Gravity: Digital Piranha LED Module-White
More results


Similar Description - DFR0030

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
logo
List of Unclassifed Man...
N55T10 ETC2-N55T10 Datasheet
530Kb / 9P
general purpose capacitive touch sensor
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
Capacitive Touch M-KEY Sensor
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com