Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG733 Datasheet (PDF) - Analog Devices

ADG733 Datasheet PDF - Analog Devices
Part # ADG733
Download  ADG733 Download
File Size   209.86 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 2.5 Ω Low Voltage, Triple/Quad SPDT Switches

ADG733 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG733 Datasheet PDF - Analog Devices

Part # ADG733
Download  ADG733 Click to download

File Size   209.86 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 2.5 Ω Low Voltage, Triple/Quad SPDT Switches

ADG733 Datasheet (HTML) - Analog Devices


ADG733 Product details

FEATURES
1.8 V to 5.5 V Single Supply
2.5 V Dual Supply
2.5 Ω On Resistance
0.5 Ω On Resistance Flatness
100 pA Leakage Currents
19 ns Switching Times
Triple SPDT: ADG733
Quad SPDT: ADG734
Small TSSOP and QSOP Packages
Low Power Consumption
TTL/CMOS Compatible Inputs

APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery Powered Systems

GENERAL DESCRIPTION
The ADG733 and ADG734 are low voltage, CMOS devices comprising three independently selectable SPDT (single pole, double throw) switches and four independently selectable SPDT switches respectively.
Low power consumption and operating supply range of 1.8 V to 5.5 V and dual ±2.5 V make the ADG733 and ADG734 ideal for battery powered, portable instruments. All channels exhibit break-before-make switching action preventing momentary shorting when switching channels. An EN input on the ADG733 is used to enable or disable the device. When disabled, all channels are switched OFF.
These 2–1 multiplexers/SPDT switches are designed on an enhanced submicron process that provides low power dissipation yet gives high switching speed, very low on resistance, high signal bandwidths, and low leakage currents. On resistance is in the region of a few ohms, is closely matched between switches, and is very flat over the full signal range. These parts can operate equally well in either direction and have an input signal range that extends to the supplies.
The ADG733 is available in small TSSOP and QSOP packages, while the ADG734 is available in a small TSSOP package.




Similar Part No. - ADG733

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG733 AD-ADG733 Datasheet
177Kb / 11P
CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV.0
ADG733 AD-ADG733 Datasheet
314Kb / 12P
CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRQ AD-ADG733BRQ Datasheet
177Kb / 11P
CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV.0
ADG733BRQ AD-ADG733BRQ Datasheet
314Kb / 12P
CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRQ AD-ADG733BRQ Datasheet
369Kb / 12P
CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
More results


Similar Description - ADG733

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG733 AD-ADG733 Datasheet
177Kb / 11P
CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV.0
ADG1233 AD-ADG1233 Datasheet
460Kb / 16P
Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
8/06-Rev. 0 to Rev. A
logo
Vishay Siliconix
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
05-May-08
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
01-Jan-07
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
logo
Analog Devices
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRU-REEL AD-ADG733BRU-REEL Datasheet
314Kb / 12P
CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
Triple/Quad SPDT Switches
REV. B
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
Triple/Quad SPDT Switches
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com