Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AHCT540 Datasheet (PDF) - Texas Instruments

SN54AHCT540 Datasheet PDF - Texas Instruments
Part # SN54AHCT540
Download  SN54AHCT540 Download
File Size   1611.96 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHCT540-Q1 Automotive Octal Buffers/Drivers with 3-State Outputs

SN54AHCT540 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AHCT540 Datasheet PDF - Texas Instruments

Part # SN54AHCT540
Download  SN54AHCT540 Click to download

File Size   1611.96 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHCT540-Q1 Automotive Octal Buffers/Drivers with 3-State Outputs

SN54AHCT540 Datasheet (HTML) - Texas Instruments


SN54AHCT540 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Operating range 4.5V to 5.5V VCC
• TTL-Compatible inputs
• Low delay, 7.3ns max
• Latch-up performance exceeds 250mA
per JESD 17

2 Applications
• Drive an indicator LED
• Redrive a digital signal
• Drive a transmission line
• Hold a signal during controller reset

3 Description
The SN74AHCT540-Q1 contains eight inverters with
3-state outputs. The 540 function has the same
functionality as the 240 function and has a flowthrough
pinout. The active low output enable pins
(OE1 and OE2) control all eight channels, and are
configured so that both must be low for the outputs to
be active.




Similar Part No. - SN54AHCT540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT540 TI-SN54AHCT540 Datasheet
556Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT540 TI-SN54AHCT540 Datasheet
729Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT540 TI1-SN54AHCT540 Datasheet
1Mb / 23P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT540 TI1-SN54AHCT540 Datasheet
1Mb / 22P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT540 TI2-SN54AHCT540 Datasheet
2Mb / 35P
SNx4AHCT540 Octal Buffers/Drivers With 3-State Outputs
REVISED AUGUST 2024
More results


Similar Description - SN54AHCT540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244A-Q1 TI-SN74LV244A-Q1 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers with 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV244A-Q1 TI-SN74LV244A-Q1_V01 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED SEPTEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V01 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V02 Datasheet
1Mb / 24P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V03 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV244A-Q1 TI-SN74LV244A-Q1_V02 Datasheet
1Mb / 26P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED JANUARY 2023
SN74LV541A-Q1 TI-SN74LV541A-Q1_V04 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74AC244-Q1 TI-SN74AC244-Q1 Datasheet
1Mb / 28P
SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MAY 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com