Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q12-5TS Datasheet (PDF) - XP Power Limited

Q12-5TS Datasheet PDF - XP Power Limited
Part # Q12-5TS
Download  Q12-5TS Download
File Size   2339.13 Kbytes
Page   9 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description Q Series DC-HVDC C ONVERTER

Q12-5TS Datasheet (PDF)

Go To PDF Page Download Datasheet
Q12-5TS Datasheet PDF - XP Power Limited

Part # Q12-5TS
Download  Q12-5TS Click to download

File Size   2339.13 Kbytes
Page   9 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description Q Series DC-HVDC C ONVERTER

Q12-5TS Datasheet (HTML) - XP Power Limited


Q12-5TS Product details

Features
• Output voltages from 100VDC to 10,000VDC
• Output proportional to input
• 0.7VDC turn-on voltage
• Wide operating temperature range
• Short circuit protection
• Low ripple <1%
• 500VDC input to output isolation
• No minimum load
• 3 year warranty

Typical Applications
• Avalanche Photo Diodes
• Photo Multiplier Tubes
• Piezo Devices
• Sustaining Ion Pumps
• Electrophoresis
• Igniters
• Capacitor Charging




Similar Part No. - Q12-5TS

ManufacturerPart #DatasheetDescription
logo
Powerbox
Q12-5 POWERBOX-Q12-5 Datasheet
1Mb / 3P
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
More results


Similar Description - Q12-5TS

ManufacturerPart #DatasheetDescription
logo
Power-One
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
Q Series Data Sheet 66 ??132 Watt DC-DC Converters
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Astrodyne Corporation
ASD75-24S5Q ASTRODYNE-ASD75-24S5Q Datasheet
2Mb / 4P
75 Watt ASD-Q Single Series DC/DC Converters
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
54mm 1U Front End HVDC Power Supply Converter
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
IAB01 XPPOWER-IAB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
IEB01 XPPOWER-IEB01 Datasheet
1Mb / 5P
DC-DC C ONVERTER
20 July 2022
IVB01 XPPOWER-IVB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
IES01 XPPOWER-IES01_V01 Datasheet
2Mb / 6P
DC-DC C ONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com