Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1410123 Datasheet (PDF) - PHOENIX CONTACT

1410123 Datasheet PDF - PHOENIX CONTACT
Part # 1410123
Download  1410123 Download
File Size   242.16 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CES-STPG-GY-2X8 - Cable sleeve

1410123 Datasheet (PDF)

Go To PDF Page Download Datasheet
1410123 Datasheet PDF - PHOENIX CONTACT

Part # 1410123
Download  1410123 Click to download

File Size   242.16 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CES-STPG-GY-2X8 - Cable sleeve

1410123 Datasheet (HTML) - PHOENIX CONTACT


1410123 Product details

Cable sleeve, small, no. of conductors: 2, type: Round cable, slotted, external cable diameter: 2x
7.4 mm ... 7.7 mm, material: SEBS (halogen-free), color: gray, length: 29.5 mm, width: 19.5 mm,
height: 17 mm




Similar Part No. - 1410123

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410123-1 MACOM-1410123-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410123-1 ETC2-1410123-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
More results


Similar Description - 1410123

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801630 PHOENIX-0801630 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-5
09/11/2020
0801640 PHOENIX-0801640 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-25
09/11/2020
0801673 PHOENIX-0801673 Datasheet
69Kb / 4P
Cable sleeve - CES-STPG-GY-3
09/11/2020
0801688 PHOENIX-0801688 Datasheet
71Kb / 4P
Cable sleeve - CES-LTPG-GY-16
09/11/2020
0801696 PHOENIX-0801696 Datasheet
71Kb / 4P
Cable sleeve - CES-LTPG-GY-23
09/11/2020
0801718 PHOENIX-0801718 Datasheet
72Kb / 4P
Cable sleeve - CES-SRC-BK
09/11/2020
0801719 PHOENIX-0801719 Datasheet
57Kb / 3P
Cable sleeve - CES-LRC-BK
10/10/2014
1410068 PHOENIX-1410068 Datasheet
67Kb / 4P
Cable sleeve - CES-STPG-GY-1ASI-L
09/11/2020
1410424 PHOENIX-1410424 Datasheet
70Kb / 4P
Cable sleeve - CES-STPG-GY-2X3
09/11/2020
1410438 PHOENIX-1410438 Datasheet
69Kb / 4P
Cable sleeve - CES-STPG-GY-2X4
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com