Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT32UC3C0512C Datasheet (PDF) - Microchip Technology

AT32UC3C0512C Datasheet PDF - Microchip Technology
Part # AT32UC3C0512C
Download  AT32UC3C0512C Download
File Size   2122.64 Kbytes
Page   110 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32-bit AVR® Microcontroller

AT32UC3C0512C Datasheet (PDF)

Go To PDF Page Download Datasheet
AT32UC3C0512C Datasheet PDF - Microchip Technology

Part # AT32UC3C0512C
Download  AT32UC3C0512C Click to download

File Size   2122.64 Kbytes
Page   110 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32-bit AVR® Microcontroller

AT32UC3C0512C Datasheet (HTML) - Microchip Technology


AT32UC3C0512C Product details

Features
• High Performance, Low Power 32-bit AVR® Microcontroller
– Compact Single-cycle RISC Instruction Set Including DSP Instruction Set
– Built-in Floating-Point Processing Unit (FPU)
– Read-Modify-Write Instructions and Atomic Bit Manipulation
– Performing 1.49 DMIPS / MHz
• Up to 91 DMIPS Running at 66 MHz from Flash (1 Wait-State)
• Up to 49 DMIPS Running at 33 MHz from Flash (0 Wait-State)
– Memory Protection Unit
• Multi-hierarchy Bus System
– High-Performance Data Transfers on Separate Buses for Increased Performance
– 16 Peripheral DMA Channels Improves Speed for Peripheral Communication
• Internal High-Speed Flash
– 512 Kbytes, 256 Kbytes, 128 Kbytes, 64 Kbytes Versions
– Single Cycle Access up to 33 MHz
– FlashVault™ Technology Allows Pre-programmed Secure Library Support for End
User Applications
– Prefetch Buffer Optimizing Instruction Execution at Maximum Speed
– 100,000 Write Cycles, 15-year Data Retention Capability
– Flash Security Locks and User Defined Configuration Area
• Internal High-Speed SRAM, Single-Cycle Access at Full Speed
– 64 Kbytes (512 KB and 256 KB Flash), 32 Kbytes (128 KB Flash), 16 Kbytes (64 KB
Flash)
– 4 Kbytes on the Multi-Layer Bus System (HSB RAM)
• External Memory Interface on AT32UC3C0 Derivatives
– SDRAM / SRAM Compatible Memory Bus (16-bit Data and 24-bit Address Buses)
• Interrupt Controller
– Autovectored Low Latency Interrupt Service with Programmable Priority
• System Functions
– Power and Clock Manager
– Internal 115KHz (RCSYS) and 8MHz/1MHz (RC8M) RC Oscillators
– One 32 KHz and Two Multipurpose Oscillators
– Clock Failure detection
– Two Phase-Lock-Loop (PLL) allowing Independent CPU Frequency from USB or
CAN Frequency
• Windowed Watchdog Timer (WDT)
• Asynchronous Timer (AST) with Real-Time Clock Capability
– Counter or Calendar Mode Supported
• Frequency Meter (FREQM) for Accurate Measuring of Clock Frequency
• Ethernet MAC 10/100 Mbps interface
– 802.3 Ethernet Media Access Controller
– Supports Media Independent Interface (MII) and Reduced MII (RMII)
• Universal Serial Bus (USB)
– Device 2.0 and Embedded Host Low Speed and Full Speed
– Flexible End-Point Configuration and Management with Dedicated DMA Channels
– On-chip Transceivers Including Pull-Ups
• One 2-channel Controller Area Network (CAN)
– CAN2A and CAN2B protocol compliant, with high-level mailbox system
– Two independent channels, 16 Message Objects per Channel
• One 4-Channel 20-bit Pulse Width Modulation Controller (PWM)
– Complementary outputs, with Dead Time Insertion
– Output Override and Fault Protection
• Two Quadrature Decoders
• One 16-channel 12-bit Pipelined Analog-To-Digital Converter (ADC)
– Dual Sample and Hold Capability Allowing 2 Synchronous Conversions
– Single-Ended and Differential Channels, Window Function
• Two 12-bit Digital-To-Analog Converters (DAC), with Dual Output Sample System
• Four Analog Comparators
• Six 16-bit Timer/Counter (TC) Channels
– External Clock Inputs, PWM, Capture and Various Counting Capabilities
• One Peripheral Event Controller
– Trigger Actions in Peripherals Depending on Events Generated from Peripherals or from Input Pins
– Deterministic Trigger
– 34 Events and 22 Event Actions
• Five Universal Synchronous/Asynchronous Receiver/Transmitters (USART)
– Independent Baudrate Generator, Support for SPI, LIN, IrDA and ISO7816 interfaces
– Support for Hardware Handshaking, RS485 Interfaces and Modem Line
• Two Master/Slave Serial Peripheral Interfaces (SPI) with Chip Select Signals
• One Inter-IC Sound (I2S) Controller
– Compliant with I2S Bus Specification
– Time Division Multiplexed mode
• Three Master and Three Slave Two-Wire Interfaces (TWI), 400kbit/s I2
C-compatible
• QTouch® Library Support
– Capacitive Touch Buttons, Sliders, and Wheels
– QTouch® and QMatrix® Acquisition
• On-Chip Non-intrusive Debug System
– Nexus Class 2+, Runtime Control, Non-Intrusive Data and Program Trace
– aWire™ single-pin programming trace and debug interface muxed with reset pin
– NanoTrace™ provides trace capabilities through JTAG or aWire interface
• 3 package options
– 64-pin QFN/TQFP (45 GPIO pins)
– 100-pin TQFP (81 GPIO pins)
– 144-pin LQFP (123 GPIO pins)
• Two operating voltage ranges:
– Single 5V Power Supply
– Single 3.3V Power Supply




Similar Part No. - AT32UC3C0512C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
More results


Similar Description - AT32UC3C0512C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR32AP ATMEL-AVR32AP Datasheet
1Mb / 181P
32-bit AVR Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
AVR 32 32-Bit Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512 Datasheet
1Mb / 91P
32-bit AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com