Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AHC540 Datasheet (PDF) - Texas Instruments

SN54AHC540 Datasheet PDF - Texas Instruments
Part # SN54AHC540
Download  SN54AHC540 Download
File Size   1681.82 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHC540-Q1 Automotive Octal Buffers/Drivers with 3-State Outputs

SN54AHC540 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AHC540 Datasheet PDF - Texas Instruments

Part # SN54AHC540
Download  SN54AHC540 Click to download

File Size   1681.82 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHC540-Q1 Automotive Octal Buffers/Drivers with 3-State Outputs

SN54AHC540 Datasheet (HTML) - Texas Instruments


SN54AHC540 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Operating range 2V to 5.5V VCC
• Low delay, 7.3ns max
• Latch-up performance exceeds 250mA
per JESD 17

2 Applications
• Drive an indicator LED
• Redrive a digital signal
• Drive a transmission line
• Hold a signal during controller reset

3 Description
The SN74AHC540-Q1 contains eight inverters with
3-state outputs. The 540 function has the same
functionality as the 240 function and has a flowthrough
pinout. The active low output enable pins
(OE1 and OE2) control all eight channels, and are
configured so that both must be low for the outputs to
be active.




Similar Part No. - SN54AHC540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC540 TI-SN54AHC540 Datasheet
100Kb / 7P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC540 TI-SN54AHC540 Datasheet
830Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC540 TI2-SN54AHC540 Datasheet
2Mb / 39P
SNx4AHC540 Octal Buffers/Drivers With 3-State Outputs
REVISED JANUARY 2025
SN54AHC540FK TI-SN54AHC540FK Datasheet
100Kb / 7P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC540J TI-SN54AHC540J Datasheet
100Kb / 7P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54AHC540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244A-Q1 TI-SN74LV244A-Q1 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers with 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV244A-Q1 TI-SN74LV244A-Q1_V01 Datasheet
1Mb / 27P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED SEPTEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V01 Datasheet
1Mb / 27P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V02 Datasheet
1Mb / 24P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541A-Q1 TI-SN74LV541A-Q1_V03 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV244A-Q1 TI-SN74LV244A-Q1_V02 Datasheet
1Mb / 26P
SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED JANUARY 2023
SN74LV541A-Q1 TI-SN74LV541A-Q1_V04 Datasheet
1Mb / 26P
SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74AC244-Q1 TI-SN74AC244-Q1 Datasheet
1Mb / 28P
SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MAY 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com