Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2350278-1 Datasheet (PDF) - TE Connectivity Ltd

2350278-1 Datasheet PDF - TE Connectivity Ltd
Part # 2350278-1
Download  2350278-1 Download
File Size   1873.46 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description INDUSTRIAL MINI I/O FIELD INSTALLABLE

2350278-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
2350278-1 Datasheet PDF - TE Connectivity Ltd

Part # 2350278-1
Download  2350278-1 Click to download

File Size   1873.46 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description INDUSTRIAL MINI I/O FIELD INSTALLABLE

2350278-1 Datasheet (HTML) - TE Connectivity Ltd


2350278-1 Product details

BENEFITS
• Field installable technology enable easy, quick and error free installation
• With its innovative IDC termination, it decreases the time usually needed
to terminate the wires by soldering
• With only 25% of the size of a conventional RJ45, TE’s Industrial Mini I/O
solution allows you to save on valuable boards space
• EMI and Signal Integrity are optimized by the signal path design and the
360 degrees shielding brings in next generations to Cat6A performance
• High retention of the board connectors, combined with a compact metal
latching mechanism prevents accidental pull or unmating, reducing
potential system down time
• Allows latch activation in high density applications

FEATURES
• Consists of only three parts: Termination unit and
outer housing and nut
• Toolless Installation: Standard tools can be used
as assembly aid
• Integrated wire termination and wire cut off
• Rugged die casted housing for optimal
protection and shielding
• Small form factor reduces PCB area and
equipment height
• 2 unique keying styles (Type 1 / Type 2) to
prevent mismating

APPLICATIONS
• DIN rail equipment: I/O, PLC
• Motor drives
• Robotics
• Other Ethernet application in shock and vibration
prone environments (e.g. field devices with
Ethernet connectivity) or in the need of space
saving (compared to RJ45)

MATERIALS
• Die Cast Housing
• Contact: Copper alloy

MECHANICAL
• Robust Die Cast Housing
• Operating Temperature: -55°C up to +105°C
• Durability: 750 Cycles
• Cable retention force: 100N

ELECTRICAL
• Cat5e transmission
• 60 VDC rated
• Current rating: <=1 A

STANDARDS
• IEC61076-3-122
• UL 1863
• 108-94740-1
• 114-94602




Similar Part No. - 2350278-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
23502.5 LITTELFUSE-23502.5 Datasheet
145Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
23502.5H LITTELFUSE-23502.5H Datasheet
145Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
logo
TE Connectivity Ltd
2350223-1 TEC-2350223-1 Datasheet
248Kb / 4P
2-2350224-3
08/02/2022
2350223-1 TEC-2350223-1 Datasheet
240Kb / 4P
3-2350224-0
logo
Littelfuse
235025P LITTELFUSE-235025P Datasheet
191Kb / 2P
5 x 20 mm Fast-Acting Fuse
More results


Similar Description - 2350278-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2013595 MACOM-2013595 Datasheet
73Kb / 1P
INDUSTRIAL MINI I/O PLUG CONNECTOR KIT D-SHAPE TYPE I
logo
List of Unclassifed Man...
7282-3SG-300 ETC1-7282-3SG-300 Datasheet
245Kb / 4P
MINI-CON-X짰 FIELD INSTALLABLE CONNECTORS
6282-6SG-522 ETC2-6282-6SG-522 Datasheet
242Kb / 4P
MINI-CON-X FIELD INSTALLABLE CONNECTORS
logo
Red Lion Controls. Inc
PX2FCA00 REDLION-PX2FCA00 Datasheet
315Kb / 2P
Field-Installable FlexCard Modules
ET-8AI2-4AO2 REDLION-ET-8AI2-4AO2 Datasheet
516Kb / 1P
Industrial Ethernet I/O Module
ET-4RTD-4DI2 REDLION-ET-4RTD-4DI2 Datasheet
740Kb / 1P
Industrial Ethernet I/O Module
logo
Tyco Electronics
1-2823588-1 MACOM-1-2823588-1 Datasheet
2Mb / 2P
FIELD INSTALLABLE CONNECTORS
logo
TE Connectivity Ltd
M12 TEC-M12 Datasheet
2Mb / 2P
FIELD INSTALLABLE CONNECTORS
C-2201855 TEC-C-2201855 Datasheet
337Kb / 1P
INDUSTRIAL MINI I/O PIERCING PLUG CONNECTOR KIT
C-2201864 TEC-C-2201864 Datasheet
311Kb / 1P
INDUSTRIAL MINI I/O PIERCING REC CONNECTOR KIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com