Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWP Datasheet (PDF) - nVent Electric plc

CWP Datasheet PDF - nVent Electric plc
Part # CWP
Download  CWP Download
File Size   681.05 Kbytes
Page   6 Pages
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc
Description Wall-Mount Cabinets PROTEK Single-Door and Double-Hinged Cabinets

CWP Datasheet (PDF)

Go To PDF Page Download Datasheet
CWP Datasheet PDF - nVent Electric plc

Part # CWP
Download  CWP Click to download

File Size   681.05 Kbytes
Page   6 Pages
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc
Description Wall-Mount Cabinets PROTEK Single-Door and Double-Hinged Cabinets

CWP Datasheet (HTML) - nVent Electric plc


CWP Product details

APPLI CATION
PROTEK Single-Door cabinets are an excellent, off-the-shelf choice for mounting 19-in. rack, panel-mounted devices or other electronic equipment. The cabinets are designed to provide both front and rear access to 19-in. rack-mounted equipment, while also ensuring protection against water, dirt, corrosive agents and other contaminants. PROTEK is an excellent choice for applications where space is at a premium and the only option is wall mounting. PROTEK comes in a broad range of sizes, materials and configurations to meet many demanding applications.

FEATURES
• Solid-door cabinet provides complete physical and visual protection
• Window door, made of scratch-resistant safety glass, provides visual monitoring of internal equipment while maintaining equipment protection
• All seams are fully welded and ground smooth
• Doors are provided with ground studs to facilitate proper bonding and grounding of the cabinet
• Premium seamless, foam-in-place gasket prevents contaminants from entering the cabinet
• Keylocking wing knob is included on painted steel offering, providing access control to the cabinet; two keys are included with each cabinet
• Stainless steel cabinet is provided with a quarter-turn slotted latch
• One set of plated, self-grounding, tapped 10-32 rack angles per EIA universal spacing standards, which can be adjusted frontto-back, is provided with each center section of the cabinet; additional tapped- or square-hole rack angles can be added to the cabinet to provide additional mounting
• Wall section welded panel studs which accommodate standard panels (steel and wood available), can be ordered separately




Similar Part No. - CWP

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CWP-0061B1 PREMO-CWP-0061B1 Datasheet
348Kb / 2P
High Precission 50 Hz KWh-meter Current Transformer
CWP-0062B1 PREMO-CWP-0062B1 Datasheet
348Kb / 2P
High Precission 50 Hz KWh-meter Current Transformer
CWP-0600B2 PREMO-CWP-0600B2 Datasheet
348Kb / 2P
High Precission 50 Hz KWh-meter Current Transformer
CWP-1000B3 PREMO-CWP-1000B3 Datasheet
348Kb / 2P
High Precission 50 Hz KWh-meter Current Transformer
logo
NXP Semiconductors
CWP-BAS2PRO-FL NXP-CWP-BAS2PRO-FL Datasheet
433Kb / 8P
Quick Reference Guide For CodeWarrior® Suites
Rev C
More results


Similar Description - CWP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRWCOMBO TRIPPLITE-SRWCOMBO Datasheet
175Kb / 2P
Replacement Combination Lock for SmartRack Wall-Mount Server Rack Cabinets - Front Door
logo
Littelfuse
00940324ZXPG LITTELFUSE-00940324ZXPG Datasheet
215Kb / 1P
Fuse displays and cabinets
Rev: 011113
logo
Kendall Howard
1932-3-001-12 KENDALLHOWARD-1932-3-001-12 Datasheet
1,005Kb / 2P
COMPACT SERIES SOHO SERVER CABINETS
3130-3-001-06 KENDALLHOWARD-3130-3-001-06 Datasheet
474Kb / 1P
LINIER SWING OUT WALL MOUNT CABINETS
3140-3-001-06 KENDALLHOWARD-3140-3-001-06 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3140-3-001-09- KENDALLHOWARD-3140-3-001-09- Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3141-3-001-06 KENDALLHOWARD-3141-3-001-06 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3141-3-001-09 KENDALLHOWARD-3141-3-001-09 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3142-3-001-06 KENDALLHOWARD-3142-3-001-06 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3142-3-001-09 KENDALLHOWARD-3142-3-001-09 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com