Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2050642201-007. Datasheet (PDF) - TE Connectivity Ltd

T2050642201-007. Datasheet PDF - TE Connectivity Ltd
Part # T2050642201-007.
Download  T2050642201-007. Download
File Size   197.62 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description EN45545 COMPLIANT HDC INSERTS

T2050642201-007. Datasheet (PDF)

Go To PDF Page Download Datasheet
T2050642201-007. Datasheet PDF - TE Connectivity Ltd

Part # T2050642201-007.
Download  T2050642201-007. Click to download

File Size   197.62 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description EN45545 COMPLIANT HDC INSERTS

T2050642201-007. Datasheet (HTML) - TE Connectivity Ltd


T2050642201-007. Product details

APPLICATIONS
• Rolling stock: traction converters, power distribution, inter-car
jumpers

ELECTRICAL
• HDD: 10A / 250V
• HEE: 16A / 500V
• HEEE: 16A / 400V and 16A / 500V
• HMN: Modular system, various performance
levels from 5A to 200A and 50V to 1000V

MECHANICAL
• Operating temperature range from -40°C to 125°C

MATERIAL
• Material approved according to R22 and R23 requirement set for
hazard levels: HL1, HL2 and HL3, per EN45545, with Oxygen index per
EN ISO 4589-2 / Smoke density per EN ISO 5659-2 / Toxicity per NF
X 70-100-1/-2

APPLICATIONS AND SPECIFICATIONS
• EN45545: Fire protection on railway vehicles -Railway applications
• EN61984: Connectors - safety requirements and tests
• EN 50467: Electrical connectors - requirements and test - Railway
applications
• IEC 60512: Connectors for electronic equipment -Test and
measurements
• IEC 60664-1: Insulation coordination for equipment within lowvoltage systems (Part 1)
• EN 61373: Rolling stock equipment - shock and vibration test -
Railway applications




Similar Part No. - T2050642201-007.

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T205000 E-SWITCH-T205000 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
TE Connectivity Ltd
T2050001010 TEC-T2050001010 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
T2050001016 TEC-T2050001016 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
T2050001025 TEC-T2050001025 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
T2050001035 TEC-T2050001035 Datasheet
11Mb / 70P
General Overview of Heavy Duty Connectors
More results


Similar Description - T2050642201-007.

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1884310000 WEIDMULLER-1884310000 Datasheet
61Kb / 2P
HDC kits HDC-KIT-HA 10.110
logo
Artesyn Technologies
ERM ARTESYN-ERM Datasheet
578Kb / 4P
Fire potection meets EN45545-2
logo
Crydom Inc.,
HDC200D160H CRYDOM-HDC200D160H Datasheet
741Kb / 6P
HDC Series
logo
Weidmuller
1505660000 WEIDMULLER-1505660000 Datasheet
691Kb / 4P
HDC MHE 6P FC
1428880000 WEIDMULLER-1428880000 Datasheet
721Kb / 4P
HDC MHE 8 MC
1428870000 WEIDMULLER-1428870000 Datasheet
731Kb / 4P
HDC MHD 36 FC
2636090000 WEIDMULLER-2636090000 Datasheet
639Kb / 4P
HDC MHE 4X2 MP
2592250000 WEIDMULLER-2592250000 Datasheet
107Kb / 3P
HDC MRJ45 8PLUG MC
2592230000 WEIDMULLER-2592230000 Datasheet
99Kb / 3P
HDC MRJ45 B MI
2637340000 WEIDMULLER-2637340000 Datasheet
121Kb / 3P
HDC MPN 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com