Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEC12 Datasheet (PDF) - Bourns Electronic Solutions

PEC12 Datasheet PDF - Bourns Electronic Solutions
Part # PEC12
Download  PEC12 Download
File Size   263.72 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 12 mm Incremental Encoder

PEC12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEC12 Datasheet PDF - Bourns Electronic Solutions

Part # PEC12
Download  PEC12 Click to download

File Size   263.72 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 12 mm Incremental Encoder

PEC12 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PEC12

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PEC1205S1Q LEIDITECH-PEC1205S1Q Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Pan Jit International I...
PEC1205S1Q PANJIT-PEC1205S1Q Datasheet
175Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
July 7,2017-REV.00
PEC1205S1Q_R1_00001 PANJIT-PEC1205S1Q_R1_00001 Datasheet
175Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
July 7,2017-REV.00
logo
Bourns Electronic Solut...
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
12 mm Incremental Encoder
PEC12R-2015F-N0012 BOURNS-PEC12R-2015F-N0012 Datasheet
371Kb / 4P
12 mm Incremental Encoder
More results


Similar Description - PEC12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
PEC11S Series - 12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
PEC11 Series - 12 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
12 mm SMD Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com