Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTR200 Datasheet (PDF) - Texas Instruments

XTR200 Datasheet PDF - Texas Instruments
Part # XTR200
Download  XTR200 Download
File Size   2231.72 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description XTR200 Precision, 3-Wire, Current-and-Voltage Transmitter

XTR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
XTR200 Datasheet PDF - Texas Instruments

Part # XTR200
Download  XTR200 Click to download

File Size   2231.72 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description XTR200 Precision, 3-Wire, Current-and-Voltage Transmitter

XTR200 Datasheet (HTML) - Texas Instruments


XTR200 Product details

1 Features
• Mode pin for selectable current or voltage output
– Current output transfer function set by a single
external resistor
– Voltage output mode has a fixed gain of
3.75V/V
• Integrated output transistor eliminates external
components
• Capable of output voltages within 1mV of ground
on a single supply
• Wide supply voltage range: 8V to 60V
• Wide specified temperature range: –40°C to
+125°C
• Low input offset voltage: ±200μV
• Low input offset voltage drift: ±0.5μV/°C
• Excellent span error (current mode): 0.01%
• Excellent gain error (voltage mode): 0.007%
• Output error flag (EF)
• Output disable (OD)
• Extremely small 3mm × 2mm WSON package

2 Applications
• Position sensor
• Pressure transmitter
• Temperature transmitter
• Flow transmitter
• Analog output module
• AC drive control module
• CPU (PLC controller)
• HVAC valve and actuator control
• Constant-current sensor biasing
• Resistance Temperature Detector (RTD) biasing
• High-side current source

3 Description
The XTR200 is a high-voltage, precision, output driver
for 3-wire current or voltage systems, designed for
standard industrial signal levels such as 0mA to
20mA, 4mA to 20mA, and 0V to 10V. The mode pin
configures the device for either current or voltage
output and eliminates the need to change external
components to switch between modes. In currentoutput
mode, the ratio between input voltage and
output current is set by a single resistor, RSET. In
voltage-output mode, the XTR200 has a fixed gain
of 3.75V/V which is set by integrated, high-precision,
thin-film, resistors.
The device integrates a low-leakage PMOS output
transistor and short-circuit current protection, further
reducing the need for external components. An
external PNP or PMOS transistor can be used with
the XTR200 to reduce on-chip power dissipation. The
on-chip short-circuit protection also protects external
transistors from damaging overcurrent events.
The XTR200 error flag pin (EF) indicates several
temperature or output fault conditions. The output
disable pin (OD) places the output pin into a highimpedance
state with very low leakage.
The XTR200 is available in a small 3mm × 2mm,
10-pin WSON surface-mount package.




Similar Part No. - XTR200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR200 TI2-XTR200 Datasheet
2Mb / 39P
XTR200 Precision, 3-Wire, Current-and-Voltage Transmitter
REVISED SEPTEMBER 2025
XTR200DQCR TI2-XTR200DQCR Datasheet
2Mb / 39P
XTR200 Precision, 3-Wire, Current-and-Voltage Transmitter
REVISED SEPTEMBER 2025
XTR200 TI2-XTR200_V01 Datasheet
2Mb / 39P
XTR200 Precision, 3-Wire, Current-and-Voltage Transmitter
REVISED SEPTEMBER 2025
More results


Similar Description - XTR200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Motorola, Inc
MC1466L MOTOROLA-MC1466L Datasheet
1Mb / 16P
PRECISION WIDE RANGE VOLTAGE AND CURRENT REGULATOR
logo
Burr-Brown (TI)
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
Precision Programmable CURRENT/VOLTAGE TRANSMITTER
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
Precision Voltage-to-Current Converter/Transmitter
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com