Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSDRH125B-2R2MHF Datasheet (PDF) - Multicomp Pro

MCSDRH125B-2R2MHF Datasheet PDF - Multicomp Pro
Part # MCSDRH125B-2R2MHF
Download  MCSDRH125B-2R2MHF Download
File Size   818.57 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description SMD Power Inductors

MCSDRH125B-2R2MHF Datasheet (PDF)

Go To PDF Page Download Datasheet
MCSDRH125B-2R2MHF Datasheet PDF - Multicomp Pro

Part # MCSDRH125B-2R2MHF
Download  MCSDRH125B-2R2MHF Click to download

File Size   818.57 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description SMD Power Inductors

MCSDRH125B-2R2MHF Datasheet (HTML) - Multicomp Pro


MCSDRH125B-2R2MHF Product details

Features
• Ferrite based SMD inductor with lower core loss.
• Ideal for LCD driver, DSC/DVC, Notebook PC or High density board design.
• Operating temperature range -55°C to + 130°C.
MCSDRH73B - Series
• High current output chokes, up to 8 amperes with about 30% roll off.
• Low profile 3.55mm maximum height.
• Foot print : 7.6mm × 7.6mm maximum.
MCSDRH125B - Series
• High current output chokes, up to 24.2 amperes with about 30% roll off.
• Low profile 6mm maximum height.
• Foot print : 12.5mm × 12.5mm maximum.

Applications
• Integrated DC/DC converter.
• Notebook computers.
• Excellent for power line DC-DC conversion application used in hard disk, notebook computers and other electronic equipment.




Similar Part No. - MCSDRH125B-2R2MHF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCSDRH73B-100MHF ETC-MCSDRH73B-100MHF Datasheet
204Kb / 3P
Inductor
MCSDRH73B-101MHF ETC-MCSDRH73B-101MHF Datasheet
204Kb / 3P
Inductor
MCSDRH73B-102MHF ETC-MCSDRH73B-102MHF Datasheet
204Kb / 3P
Inductor
MCSDRH73B-150MHF ETC-MCSDRH73B-150MHF Datasheet
204Kb / 3P
Inductor
MCSDRH73B-151MHF ETC-MCSDRH73B-151MHF Datasheet
204Kb / 3P
Inductor
More results


Similar Description - MCSDRH125B-2R2MHF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com