Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF450R17ME3 Datasheet (PDF) - Power Integrations, Inc.

FF450R17ME3 Datasheet PDF - Power Integrations, Inc.
Part # FF450R17ME3
Download  FF450R17ME3 Download
File Size   314.43 Kbytes
Page   9 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Compact, high-performance, plug-and-play dual-channel IGBT driver

FF450R17ME3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FF450R17ME3 Datasheet PDF - Power Integrations, Inc.

Part # FF450R17ME3
Download  FF450R17ME3 Click to download

File Size   314.43 Kbytes
Page   9 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Compact, high-performance, plug-and-play dual-channel IGBT driver

FF450R17ME3 Datasheet (HTML) - Power Integrations, Inc.


FF450R17ME3 Product details

Features
Plug-and-play solution
Allows parallel connection of IGBT modules
Shortens application development time
Extremely reliable; long service life
Built-in DC/DC power supply
20-pin flat cable interface
Duty cycle 0... 100%
Active clamping of Vce at turn-off
IGBT short-circuit protection
Monitoring of supply voltage
Safe isolation to EN 50178
UL compliant
Suitable for 1700V 17mm dual IGBT modules
Gate resistors not assembled
Applications
Wind-power converters
Industrial drives
UPS
Power-factor correctors
Traction
Railroad power supplies
Welding
SMPS
Radiology and laser technology
Research
and many others




Similar Part No. - FF450R17ME3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF450R17ME3 INFINEON-FF450R17ME3 Datasheet
295Kb / 8P
EconoDUAL3 module with trench/fieldstop IGBT3 and EmCon3 diode
2011-03-01 revision:2.1
FF450R17ME3 INFINEON-FF450R17ME3 Datasheet
1Mb / 25P
Module Adapter Board for EconoDUAL™3 IGBT Modules
V1.0, Feb. 2010
More results


Similar Description - FF450R17ME3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
Plug and Play SCSI Terminator
logo
Microsemi Corporation
LX5218 MICROSEMI-LX5218 Datasheet
247Kb / 12P
9-CHANNEL PLUG AND PLAY SCS I TERMINATOR
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
Plug and Play SCSI Terminator
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
STANDALONE PLUG-AND-PLAY
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
Simple Plug and Play installation
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
Plug and play system evaluation
Rev. 0
logo
A-Data Technology
SV620H A-DATA-SV620H Datasheet
458Kb / 2P
Simple driver-less plug n play
UC360 A-DATA-UC360 Datasheet
747Kb / 2P
Simple driver-less plug n play
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
Easy Plug-and-play Design
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
Plug and Play SCSI Terminator
112099
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com