Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP011987 Datasheet (PDF) - Multicomp Pro

MP011987 Datasheet PDF - Multicomp Pro
Part # MP011987
Download  MP011987 Download
File Size   170.06 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Terminal Block 3.5mm Pitch

MP011987 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP011987 Datasheet PDF - Multicomp Pro

Part # MP011987
Download  MP011987 Click to download

File Size   170.06 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Terminal Block 3.5mm Pitch

MP011987 Datasheet (HTML) - Multicomp Pro


MP011987 Product details

Features
• Universal installation method to ensure a high degree of flexibility in device design
• Different poles can be combined through the side lock

Description
Terminal Block, PCB, Screw




Similar Part No. - MP011987

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01198 GOLLEDGE-MP01198 Datasheet
138Kb / 6P
SAW Filter 1575.420MHz
More results


Similar Description - MP011987

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1776099 MACOM-C-1776099 Datasheet
48Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, CLOSED ENDS, 3.5mm PITCH
C-284506 MACOM-C-284506 Datasheet
199Kb / 1P
TERMINAL BLOCK PLUG STACKING 3.5mm PITCH
C-284510 MACOM-C-284510 Datasheet
49Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
C-284512 MACOM-C-284512 Datasheet
153Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 3.5mm PITCH
C-284514 MACOM-C-284514 Datasheet
124Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY STRAIGHT, CLOSED ENDS, 3.5mm PITCH
C-284516 MACOM-C-284516 Datasheet
47Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY STRAIGHT, 3.5mm PITCH WITH THREADED FLANGE
C-284539 MACOM-C-284539 Datasheet
47Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? , 3.5mm PITCH WITH THREADED FLANGE
C-1776130 MACOM-C-1776130 Datasheet
96Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, CLOSED ENDS, 3.5mm PITCH
C-1776132 MACOM-C-1776132 Datasheet
101Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, W/THREADED FLG, 3.5mm PITCH
C-1776136 MACOM-C-1776136 Datasheet
101Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREES, CLOSED ENDS, 3.5mm PITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com