Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74701QTA8-7 Datasheet (PDF) - Diodes Incorporated

AP74701QTA8-7 Datasheet PDF - Diodes Incorporated
Part # AP74701QTA8-7
Download  AP74701QTA8-7 Download
File Size   1396.11 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW IQ REVERSE-BATTERY PROTECTION IDEAL DIODE CONTROLLER WITH BUILT-IN VDS CLAMP

AP74701QTA8-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP74701QTA8-7 Datasheet PDF - Diodes Incorporated

Part # AP74701QTA8-7
Download  AP74701QTA8-7 Click to download

File Size   1396.11 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW IQ REVERSE-BATTERY PROTECTION IDEAL DIODE CONTROLLER WITH BUILT-IN VDS CLAMP

AP74701QTA8-7 Datasheet (HTML) - Diodes Incorporated


AP74701QTA8-7 Product details

Features
• Input Voltage Ranges from 3.2V to 65V (3.9V Startup)
• -33V Reverse-Battery Voltage
• Charge Pump for External N-Channel Power MOSFET
• 20mV ANODE to CATHODE Forward Voltage Drop Control
• Low Shutdown Current of 1μA when Disabled
• Low Quiescent Current of 80μA when Enabled
• Fast Reverse Current Block Response Time of < 0.75μs
• 2.3A Peak Gate Turn-Off Current
• Active High Operation
• Integrated Battery Voltage Monitoring Switch (SW)
• Meet Automotive ISO7637 Transient Requirements Without
Additional Input TVS Diodes (TVS Less)
• ESD Protection: 2kV of HBM and 750V of CDM
• AEC-Q100 Qualification Compliance with Device Temperature
Grade 1 (-40°C to +125°C Ambient Operating Temperature
Range)
• 8-Pin SOT28 Package
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AP74701Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
• Automotive infotainment systems – head units, telematics,
control units
• Automotive ADAS systems - cameras
• Active power ORing for redundant power
• Power of industrial automation such as PLC
• Enterprise power supplies




Similar Part No. - AP74701QTA8-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP74701QTA8-7 DIODES-AP74701QTA8-7 Datasheet
339Kb / 2P
Ideal Diode Controller with VDS Clamp Removes the Need for External TVS in Automotive RVP Circuits
August 2025
More results


Similar Description - AP74701QTA8-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
Zero IQ Reverse Polarity Protection Smart Diode Controller
logo
Linear Technology
LTC4359 LINER-LTC4359 Datasheet
292Kb / 20P
Ideal Diode Controller with Reverse Input Protection
logo
Analog Devices
LTC4376 AD-LTC4376 Datasheet
465Kb / 16P
7A Ideal Diode with Reverse Input Protection
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74701-Q1 TI-LM74701-Q1 Datasheet
1Mb / 27P
LM74701-Q1 "TVS Less" Low IQ Reverse Battery Protection Ideal Diode Controller
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
LM74721-Q1 TI-LM74721-Q1 Datasheet
2Mb / 27P
LM74721-Q1 TVS Less Low IQ Reverse Battery Protection Ideal Diode Controller With Active Rectification
SNOSDC2 ??SEPTEMBER 2021
LM74701-Q1 TI-LM74701-Q1_V01 Datasheet
2Mb / 33P
LM74701-Q1 TVS Less Automotive Reverse Battery Protection Ideal Diode Controller
DECEMBER 2021
LM74721-Q1 TI-LM74721-Q1_V01 Datasheet
2Mb / 33P
LM74721-Q1 TVS Less Low IQ Automotive Reverse Battery Protection Ideal Diode Controller with Active Rectification
REVISED JULY 2022
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com