Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X762Q Datasheet (PDF) - Diodes Incorporated

PI7C9X762Q Datasheet PDF - Diodes Incorporated
Part # PI7C9X762Q
Download  PI7C9X762Q Download
File Size   384.07 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Automotive I2C-Bus/SPI to UART Bridge Controller with 64 Bytes of TX/RX FIFOs

PI7C9X762Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI7C9X762Q Datasheet PDF - Diodes Incorporated

Part # PI7C9X762Q
Download  PI7C9X762Q Click to download

File Size   384.07 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Automotive I2C-Bus/SPI to UART Bridge Controller with 64 Bytes of TX/RX FIFOs

PI7C9X762Q Datasheet (HTML) - Diodes Incorporated


PI7C9X762Q Product details

Features
y AEC-Q100 Grade 2 Compliant
y Dual channel full-duplex UART
y Supports I2C-bus or SPI interface
y 64 bytes FIFO (transmitter and receiver)
y Fully compatible with industrial standard 16C450 and equivalent
y Baud Rates up to 16Mbit/s in 4X sampling clock rate
y Programmable character formatting
à 5-bit, 6-bit, 7-bit or 8-bit character
à Even, odd, or no parity
à 1, 1.5, or 2 stop bits
y Programmable Receive and Transmit FIFO trigger levels
y Special character detection
y Internal Loopback mode
y Line break generation and detection
Flow Control
y Supports hardware flow control using RTS/CTS
y Supports software flow control with programmable Xon/Xoff
characters
y Programmable single or double Xon/Xoff characters
Interface Control
y Automatic RS-485 slave address detection
y RS-485 driver direction control via RTS signal
y RS-485 driver direction control inversion
y Built-in IrDA encoder and decoder interface
y Supports IrDA SIR with speeds up to 115.2kbit/s (optional
1.152Mbps)
y Up to eight user programmable GPIO pins
y Software reset
Others
y Low standby current at 3.3V
y Wide operation voltage (1.8V, 2.5V or 3.3V)
y Automotive temperature ranges -40˚C to 105˚C
I2C Interface
y Compliant with I2C-bus fast speed
y Supports slave mode only
y Crystal oscillator (up to 24MHz) or external clock (up to 64MHz)
input
SPI Interface
y PI7C9X762Q supports 33 Mbit/s maximum SPI clock speed
y Supports SPI mode 0 (slave mode only)
y Packaging (Pb-free & Green):
à 32-Pin, TQFN (ZH)
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y The PI7C9X762Q is suitable for automotive applications requiring
specific change control; this part is AEC-Q100 qualified, PPAP
capable, and manufactured in IATF 16949 certified facilities

Application
y Telematics
y ADAS
y Smart Cockpits
y Zonal Gateways
y Central Controllers




Similar Part No. - PI7C9X762Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI7C9X762Q DIODES-PI7C9X762Q Datasheet
338Kb / 2P
Automotive-Compliant I2C/SPI-to-Dual UART Bridge Improves Robustness in Automotive Connectivity
October 2025
PI7C9X762Q2ZHEX DIODES-PI7C9X762Q2ZHEX Datasheet
338Kb / 2P
Automotive-Compliant I2C/SPI-to-Dual UART Bridge Improves Robustness in Automotive Connectivity
October 2025
PI7C9X762Q DIODES-PI7C9X762Q_V01 Datasheet
338Kb / 2P
Automotive-Compliant I2C/SPI-to-Dual UART Bridge Improves Robustness in Automotive Connectivity
October 2025
More results


Similar Description - PI7C9X762Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
logo
NXP Semiconductors
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
logo
NXP Semiconductors
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
UART to I2C-bus bridge
Rev.1.0-22 September 2021
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com