Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3031XUAEX Datasheet (PDF) - Diodes Incorporated

PI3USB3031XUAEX Datasheet PDF - Diodes Incorporated
Part # PI3USB3031XUAEX
Download  PI3USB3031XUAEX Download
File Size   1277.0 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX

PI3USB3031XUAEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3USB3031XUAEX Datasheet PDF - Diodes Incorporated

Part # PI3USB3031XUAEX
Download  PI3USB3031XUAEX Click to download

File Size   1277.0 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX

PI3USB3031XUAEX Datasheet (HTML) - Diodes Incorporated


PI3USB3031XUAEX Product details

Features
y Wide VCC Range: 1.8V to 5.5V
y Mobile High-Definition Link (MHL) or Mobility Display Port
(MyDP) Switch:
à Bandwidth (-3dB): 6.5GHz
à RON (Typical): 5.5Ω
à CON (Typical): 1.3pF
y USB Switches (2 Sets):
à Bandwidth (-3dB): 6.5GHz
à RON (Typical): 4.5Ω
à CON (Typical): 1pF
y Current Consumption: 28 μA (Typical)
y IOFF Protection Prevents Current Leakage in Powered-Down
State (VCC = 0V)
y 1.8V Compatible Control Inputs (SEL)
y Overvoltage Tolerance (OVT) on All I/O Pins Up to 5V Without
External Components
y ESD Protection : 2kV(HBM), 1kV(CDM)
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y Packaging (Pb-free & Green):
à 12-Pin, 1.8mm x 1.8mm, 0.4mm pitch (WQFN)
à 12-Pin, 1.6mm x 1.6mm, 0.4mm pitch (X2-QFN)

Application
y PC Motherboards
y Notebooks
y Servers
y Smartphones
y Portable Instrumentation
y Digital Cameras USB 2.0 MHL




Similar Part No. - PI3USB3031XUAEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3031XUAEX DIODES-PI3USB3031XUAEX Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
More results


Similar Description - PI3USB3031XUAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com