Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD12N06RLESM Datasheet (PDF) - Inchange Semiconductor Company Limited

RFD12N06RLESM Datasheet PDF - Inchange Semiconductor Company Limited
Part # RFD12N06RLESM
Download  RFD12N06RLESM Download
File Size   299.85 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

RFD12N06RLESM Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD12N06RLESM Datasheet PDF - Inchange Semiconductor Company Limited

Part # RFD12N06RLESM
Download  RFD12N06RLESM Click to download

File Size   299.85 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

RFD12N06RLESM Datasheet (HTML) - Inchange Semiconductor Company Limited


RFD12N06RLESM Product details

FEATURES
·Drain Current -ID= 18A@ TC=25℃
·Drain Source Voltage -VDSS= 60V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 63mΩ(Max)@VGS= 10V
DESCRIPTION
·DC-to-DC Converter
·General Industrial Applications
·Power Motor Control




Similar Part No. - RFD12N06RLESM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD12N06RLESM FAIRCHILD-RFD12N06RLESM Datasheet
215Kb / 10P
17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFD12N06RLESM INTERSIL-RFD12N06RLESM Datasheet
49Kb / 6P
12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs
July 1999
logo
VBsemi Electronics Co.,...
RFD12N06RLESM VBSEMI-RFD12N06RLESM Datasheet
896Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
RFD12N06RLESM9A UMW-RFD12N06RLESM9A Datasheet
503Kb / 7P
60V N-Channel MOSFET
logo
BYCHIP ELECTRONICS CO.,...
RFD12N06RLESM9A BYCHIP-RFD12N06RLESM9A Datasheet
844Kb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - RFD12N06RLESM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com