Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320DAC3100 Datasheet (PDF) - Texas Instruments

TLV320DAC3100 Datasheet PDF - Texas Instruments
Part # TLV320DAC3100
Download  TLV320DAC3100 Download
File Size   1989.83 Kbytes
Page   111 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320DAC3100 Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier

TLV320DAC3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV320DAC3100 Datasheet PDF - Texas Instruments

Part # TLV320DAC3100
Download  TLV320DAC3100 Click to download

File Size   1989.83 Kbytes
Page   111 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320DAC3100 Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier

TLV320DAC3100 Datasheet (HTML) - Texas Instruments


TLV320DAC3100 Product details

1.1 Features 1
• Stereo Audio DAC with 95-dB SNR
• Supports 8-kHz to 192-kHz Sample Rates
• Mono Class-D BTL Speaker Driver (2.5 W Into 4-Ω
or 1.6 W Into 8-Ω)
• Two Single-Ended Inputs With Mixing and Output
Level Control
• Stereo Headphone/Lineout and Mono Class-D
Speaker Outputs Available
• Microphone Bias
• Headphone Detection
• 25 Built-in Digital Audio Processing Blocks
(PRB_P1 – PRB_P25) Providing Biquad and FIR
Filters, DRC, and 3-D Structures
• Digital Mixing Capability
• Pin Control or Register Control for Digital-Playback
Volume-Control Settings
• Digital Sine-Wave Generator for Beeps and Key
Clicks (PRB_P25)
• Programmable PLL for Flexible Clock Generation
• I2S, Left-Justified, Right-Justified, DSP, and TDM
Audio Interfaces
• I2C Control With Register Auto-Increment
• Full Power-Down Control
• Power Supplies:
– Analog: 2.7 V–3.6 V
– Digital Core: 1.65 V–1.95 V
– Digital I/O: 1.1 V–3.6 V
– Class-D: 2.7 V–5.5 V (SPKVDD ≥ AVDD)
• 5-mm × 5-mm 32-VQFN Package

1.2 Applications
• Portable Audio Devices
• Mobile Internet Devices
• eBooks

1.3 Description
The TLV320DAC3100 device is a low-power, highly integrated, high-performance stereo audio DAC with 24-bit
stereo playback and digital audio processing blocks.
The device integrates headphone drivers and speaker drivers. The mono speaker driver can drive loads down to
4 Ω. The TLV320DAC3100 device has a suite of built-in processing blocks for digital audio processing. The
digital audio data format is programmable to work with popular audio standard protocols (I2S, left/right-justified) in
master, slave, DSP, and TDM modes. Bass boost, treble, or EQ can be supported by the programmable digital
signal-processing block. An on-chip PLL provides the high-speed clock needed by the digital signal-processing
block. The volume level can be controlled either by pin control or by register control. The audio functions are
controlled using the I2C serial bus.
The TLV320DAC3100 device has a programmable digital sine-wave generator and is available in a 32-pin VQFN
package.




Similar Part No. - TLV320DAC3100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 99P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1 Datasheet
1Mb / 101P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100IRHBR TI1-TLV320DAC3100IRHBR Datasheet
1Mb / 98P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
More results


Similar Description - TLV320DAC3100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 100P
Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com