Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0558 Datasheet (PDF) - DFROBOT

DFR0558 Datasheet PDF - DFROBOT
Part # DFR0558
Download  DFR0558 Download
File Size   481.62 Kbytes
Page   8 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital High Temperature Sensor (K-type) SKU:DFR0558

DFR0558 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0558 Datasheet PDF - DFROBOT

Part # DFR0558
Download  DFR0558 Click to download

File Size   481.62 Kbytes
Page   8 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Gravity: Digital High Temperature Sensor (K-type) SKU:DFR0558

DFR0558 Datasheet (HTML) - DFROBOT


DFR0558 Product details

Features
 14 bit, 0.25°C digital high resolution temperature measurement
 Extremely wide temperature range
 Wide input voltage, compatible with 3.3V and 5V controllers
 Gravity I2C interface, convenient connection
 Fits any K-type thermocouple probe

Applications
 Electric Oven, Electric Furnace
 High Temperature Flame, Gas
 Pottery Kiln




Similar Part No. - DFR0558

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0552 DFROBOT-DFR0552 Datasheet
1Mb / 23P
Gravity: 12-Bit I2C DAC Module SKU: DFR0552
6-5-18
DFR0553 DFROBOT-DFR0553 Datasheet
625Kb / 8P
Gravity: I2C ADS1115 16-Bit ADC Module(Arduino & Raspberry Pi Compatible) SKU: DFR0553
6-5-18
DFR0554 DFROBOT-DFR0554 Datasheet
625Kb / 5P
Gravity: I2C 16x2 Arduino LCD with RGB Font Display SKU: DFR0554
7-16-18
DFR0559 DFROBOT-DFR0559 Datasheet
740Kb / 12P
Sunflower: Solar Power Manager 5V SKU: DFR0559
6-5-18
More results


Similar Description - DFR0558

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS75A ATMEL-AT30TS75A_14 Datasheet
1Mb / 37P
Digital Temperature Sensor
AT30TS74 ATMEL-AT30TS74_14 Datasheet
1Mb / 41P
Digital Temperature Sensor
logo
Extech Instruments Corp...
TP400 EXTECH-TP400_15 Datasheet
155Kb / 1P
High Temperature Type K Pipe Clamp
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
Digital Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
Digital Temperature Sensor
logo
ams AG
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
Digital Temperature Sensor
logo
TE Connectivity Ltd
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
DIGITAL TEMPERATURE SENSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com