Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF0517 Datasheet (PDF) - DFROBOT

DRF0517 Datasheet PDF - DFROBOT
Part # DRF0517
Download  DRF0517 Download
File Size   598.74 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description OpenMV Cam M7 – A Machine Vision Camera

DRF0517 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRF0517 Datasheet PDF - DFROBOT

Part # DRF0517
Download  DRF0517 Click to download

File Size   598.74 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description OpenMV Cam M7 – A Machine Vision Camera

DRF0517 Datasheet (HTML) - DFROBOT


DRF0517 Product details

FEATURES
The STM32F765VI ARM Cortex M7 processor running at 216 MHz with 512KB of RAM and 2 MB of flash. All I/O pins
output 3.3V and are 5V tolerant. The processor has the following I/O interfaces:
 A full speed USB (12Mbs) interface to your computer. Your OpenMV Cam will appear as a Virtual COM Port and a
USB Flash Drive when plugged in.
 A μSD Card socket capable of 100Mbs reads/writes which allows your OpenMV Cam to record video and easy pull
machine vision assets off of the μSD card.
 A SPI bus that can run up to 54Mbs allowing you to easily stream image data off the system to either the LCD
Shield, the WiFi Shield, or another microcontroller.
 An I2C Bus, CAN Bus, and an Asynchronous Serial Bus (TX/RX) for interfacing with other microcontrollers and
sensors.
 A 12-bit ADC and a 12-bit DAC.
 Three I/O pins for servo control.
 Interrupts and PWM on all I/O pins (there are 10 I/O pins on the board).
 And, an RGB LED and two high power 850nm IR LEDs.
The OV7725 image sensor is capable of taking 640x480 8-bit Grayscale images or 640x480 16-bit RGB565 images
at 60 FPS when the resolution is above 320x240 and 120 FPS when it is below. Most simple algorithms will run at
above 30 FPS. Your OpenMV Cam comes with a 2.8mm lens on a standard M12 lens mount. If you want to use more
specialized lenses with your OpenMV Cam you can easily buy and attach them yourself.

APPLICATIONS
The OpenMV Cam can be used for the following things currently (more in the future):
 Frame Differencing
 Color Tracking
 Marker Tracking
 Face Detection
 Eye Tracking
 Optical Flow
 QR Code Detection/Decoding
 Data Matrix Detection/Decoding
 Linear Barcode Decoding
 AprilTag Tracking
 Line Detection
 Circle Detection
 Rectangle Detection
 Template Matching
 Image Capture
 Video Recording




Similar Part No. - DRF0517

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DRF-09P11-ZN YAMAICHI-DRF-09P11-ZN Datasheet
42Kb / 1P
90째 Solder Dip with Filter (Male / Female)
DRF-09S11-ZN YAMAICHI-DRF-09S11-ZN Datasheet
42Kb / 1P
90째 Solder Dip with Filter (Male / Female)
DRF-15P11-ZN YAMAICHI-DRF-15P11-ZN Datasheet
42Kb / 1P
90째 Solder Dip with Filter (Male / Female)
DRF-15S11-ZN YAMAICHI-DRF-15S11-ZN Datasheet
42Kb / 1P
90째 Solder Dip with Filter (Male / Female)
DRF-25P11-ZN YAMAICHI-DRF-25P11-ZN Datasheet
42Kb / 1P
90째 Solder Dip with Filter (Male / Female)
More results


Similar Description - DRF0517

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SEN-14186 SPARKFUN-SEN-14186 Datasheet
211Kb / 2P
OpenMV M7 Camera
5-15-17
SEN-14632 SPARKFUN-SEN-14632 Datasheet
265Kb / 3P
OpenMV M7 Camera
5??5??8
SEN-14985 SPARKFUN-SEN-14985 Datasheet
488Kb / 2P
OpenMV M7 Camera
10??3??8
SEN-15137 SPARKFUN-SEN-15137 Datasheet
106Kb / 2P
JeVois Smart Machine Vision Camera SEN-15137
1??1??9
logo
Balluff Korea Ltd.
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
logo
List of Unclassifed Man...
OPENMV-H7 ETC-OPENMV-H7 Datasheet
477Kb / 5P
OpenMV-H7 A Python programmable machine vision camera.
AUGUST 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com