Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1119 Datasheet (PDF) - Texas Instruments

ADS1119 Datasheet PDF - Texas Instruments
Part # ADS1119
Download  ADS1119 Download
File Size   1722.64 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1119 4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface

ADS1119 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1119 Datasheet PDF - Texas Instruments

Part # ADS1119
Download  ADS1119 Click to download

File Size   1722.64 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1119 4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface

ADS1119 Datasheet (HTML) - Texas Instruments


ADS1119 Product details

1 Features
1• Easy to Use With Only One Register to Program
• Current Consumption as Low as 315 μA (typ)
• Wide Supply Range: 2.3 V to 5.5 V
• Rail-to-Rail Input Buffers to Achieve High Input
Impedance
• Programmable Gains: 1 and 4
• Programmable Data Rates: Up to 1 kSPS
• 16-Bit, Noise-Free Resolution at 20 SPS
• Simultaneous 50-Hz and 60-Hz Rejection at
20 SPS With Single-Cycle Settling Digital Filter
• Two Differential or Four Single-Ended Inputs
• Internal 2.048-V Reference: 5 ppm/°C (typ) Drift
• Internal 2% Accurate Oscillator
• I2C-Compatible Interface
• Supported I2C Bus Speed Modes:
Standard-Mode, Fast-Mode, Fast-Mode Plus
• 16 Pin-Configurable I2C Addresses
• Package: 3.0-mm × 3.0-mm × 0.75-mm WQFN

2 Applications
• Battery Test Equipment
• Gas Detectors
• Heat Meters
• Optical Modules
• Wearable Fitness and Activity Trackers

3 Description
The ADS1119 is a precision, 16-bit, analog-to-digital
converter (ADC) that includes all features necessary
to implement the most common system monitoring
functions, such as supply voltage, current, and
temperature monitoring. The device features two
differential or four single-ended inputs through a
flexible input multiplexer (MUX), rail-to-rail input
buffers, a programmable gain stage, a voltage
reference, and an oscillator.
The device includes buffers that allow highimpedance
sources to be directly connected to the
device. A gain stage follows the buffers which
provides selectable gains of 1 and 4. The ADS1119
can perform conversions at data rates as high as
1000 samples per second (SPS) with single-cycle
settling. At 20 SPS, the digital filter offers
simultaneous 50-Hz and 60-Hz rejection for noisy
industrial applications.
The ADS1119 features a 2-wire, I2C-compatible
interface that supports I2C bus speeds up to 1 Mbps.
16 different I2C addresses can be selected for the
device via two address pins.
The ADS1119 is offered in a leadless 16-pin WQFN
or a 16-pin TSSOP package and is specified over a
temperature range of –40°C to +125°C.




Similar Part No. - ADS1119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS1119IPW TI1-ADS1119IPW Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS1119IPWR TI1-ADS1119IPWR Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS1119IPWT TI1-ADS1119IPWT Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS1119IRTER TI1-ADS1119IRTER Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
More results


Similar Description - ADS1119

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
logo
Texas Instruments
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com