Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet (PDF) - Texas Instruments

ADS1253 Datasheet PDF - Texas Instruments
Part # ADS1253
Download  ADS1253 Download
File Size   720.72 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER

ADS1253 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1253 Datasheet PDF - Texas Instruments

Part # ADS1253
Download  ADS1253 Click to download

File Size   720.72 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER

ADS1253 Datasheet (HTML) - Texas Instruments


ADS1253 Product details

FEATURES
24 BITS—NO MISSING CODES
19 BITS EFFECTIVE RESOLUTION UP TO
20kHz DATA RATE
LOW NOISE: 1.8ppm
FOUR DIFFERENTIAL INPUTS
INL: 15ppm (max)
EXTERNAL REFERENCE (0.5V to 5V)
POWER-DOWN MODE
SYNC MODE
LOW POWER: 8mW at 20kHz
5mW at 10kHz

APPLICATIONS
CARDIAC DIAGNOSTICS
DIRECT THERMOCOUPLE INTERFACES
BLOOD ANALYSIS
INFRARED PYROMETERS
LIQUID/GAS CHROMATOGRAPHY
PRECISION PROCESS CONTROL

DESCRIPTION
The ADS1253 is a precision, wide dynamic range, deltasigma,
Analog-to-Digital (A/D) converter with 24-bit resolution
operating from a single +5V supply. The delta-sigma
architecture is used for wide dynamic range and 24 bits of no
missing code performance. An effective resolution of 19 bits
(1.8ppm of rms noise) is achieved for conversion rates up to
20kHz.
The ADS1253 is designed for high-resolution measurement
applications in cardiac diagnostics, smart transmitters, industrial
process control, weigh scales, chromatography, and
portable instrumentation. The converter includes a flexible,
2-wire synchronous serial interface for low-cost isolation.
The ADS1253 is a 4-channel converter and is offered in an
SSOP-16 package.




Similar Part No. - ADS1253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI-ADS1253 Datasheet
885Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253 Datasheet
731Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI2-ADS1253 Datasheet
569Kb / 25P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
REVISED JUNE 2009
ADS1253 TI2-ADS1253 Datasheet
720Kb / 25P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
REVISED SEPTEMBER 2007
More results


Similar Description - ADS1253

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com