Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS126X Datasheet (PDF) - Texas Instruments

ADS126X Datasheet PDF - Texas Instruments
Part # ADS126X
Download  ADS126X Download
File Size   1759.33 Kbytes
Page   91 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS126x Precision, 5-channel and 10-channel, 40-kSPS, 24-bit, delta-sigma ADCs with PGA and monitors

ADS126X Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS126X Datasheet PDF - Texas Instruments

Part # ADS126X
Download  ADS126X Click to download

File Size   1759.33 Kbytes
Page   91 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS126x Precision, 5-channel and 10-channel, 40-kSPS, 24-bit, delta-sigma ADCs with PGA and monitors

ADS126X Datasheet (HTML) - Texas Instruments


ADS126X Product details

1 Features
1• 24-bit, high-precision ADCs
– Offset drift: 1 nV/°C
– Gain drift: 0.5 ppm/°C
– Noise: 30 nVRMS (20 SPS, gain = 128)
– Linearity: 2 ppm
• CMOS PGA gain: 1 to 128
• Wide input voltage range: ±7 mV to ±5 V
• Data rate: 2.5 SPS to 40 kSPS
• 2.5-V reference: 2 ppm/°C
• Simultaneous 50-Hz and 60-Hz rejection mode
• Single-cycle settling mode
• Signal and reference monitors
• 5-V or ±2.5-V power supply
• Internal temperature sensor
• Cyclic redundancy check (CRC)
• Excitation current sources
• Sensor burn-out current sources
• Four general-purpose inputs/outputs (ADS1261)
• AC excitation for bridge sensors (ADS1261)
• 5-mm × 5-mm VQFN package

2 Applications
• PLC analog input modules
• Weigh scales and strain-gauge digitizers
• Temperature, pressure measurement
• Lab instrumentation
• Process analytics

3 Description
The ADS1260 and ADS1261 (ADS126x) are
precision, 40-kSPS, delta-sigma (ΔΣ) analog-to-digital
converters (ADCs) that include a programmable gain
amplifier (PGA). The devices also include a precision
voltage reference and internal fault monitors. The
sensor-ready ADCs give a high-accuracy, single-chip
solution for the most demanding measurements, for
example, weigh scales and resistance temperature
detectors (RTDs).
The ADCs contain an input signal multiplexer, a lownoise
PGA (with gains from 1 to 128), a 24-bit ΔΣ
modulator, a precision voltage reference, and a
programmable digital filter.
The high-impedance PGA inputs (1 GΩ) decrease
measurement error due to sensor loading. The
ADS1260 supports three differential or five singleended
inputs. The ADS1261 supports five differential
or ten single-ended inputs. The integrated current
sources simplify the measurement of RTDs.
The flexible digital filter is programmable for singlecycle
settled conversions, while supplying
simultaneous 50-Hz and 60-Hz line cycle rejection.
Signal and reference monitors, a temperature sensor,
and CRC data verification make data reliability better.
The ADS126x are pin compatible devices given in a
5-mm × 5-mm VQFN package and are specified
across the –40°C to +125°C temperature range.




Similar Part No. - ADS126X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS126X TI1-ADS126X Datasheet
1Mb / 89P
Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
ADS126X TI1-ADS126X Datasheet
2Mb / 91P
Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
ADS126X TI2-ADS126X Datasheet
3Mb / 133P
ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference
REVISED MAY 2021
ADS126X-Q1 TI1-ADS126X-Q1 Datasheet
1Mb / 81P
Automotive precision, 5-channel and 10-channel, 40-kSPS, 24-bit, delta-sigma ADCs with PGA and monitors
ADS126x-Q1 TI1-ADS126x-Q1 Datasheet
1Mb / 86P
Automotive Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
More results


Similar Description - ADS126X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
logo
Texas Instruments
ADS1260 TI1-ADS1260 Datasheet
1Mb / 89P
Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
ADS1260 TI1-ADS1260_18 Datasheet
2Mb / 91P
Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
ADS125H02 TI1-ADS125H02 Datasheet
1Mb / 75P
Wide-Input Range, 2-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Voltage Reference
ADS1260-Q1 TI1-ADS1260-Q1 Datasheet
1Mb / 81P
Automotive precision, 5-channel and 10-channel, 40-kSPS, 24-bit, delta-sigma ADCs with PGA and monitors
ADS125H01 TI1-ADS125H01 Datasheet
2Mb / 91P
짹20-V Input, 2-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Voltage Reference
ADS1260-Q1 TI1-ADS1260-Q1_19 Datasheet
1Mb / 86P
Automotive Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors
logo
Microchip Technology
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com