Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH4930Q Datasheet (PDF) - Diodes Incorporated

AH4930Q Datasheet PDF - Diodes Incorporated
Part # AH4930Q
Download  AH4930Q Download
File Size   1053.01 Kbytes
Page   23 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE 3D MAGNETIC LINEAR HALL SENSOR WITH I2C INTERFACE

AH4930Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AH4930Q Datasheet PDF - Diodes Incorporated

Part # AH4930Q
Download  AH4930Q Click to download

File Size   1053.01 Kbytes
Page   23 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE 3D MAGNETIC LINEAR HALL SENSOR WITH I2C INTERFACE

AH4930Q Datasheet (HTML) - Diodes Incorporated


AH4930Q Product details

Features
• 3D Magnetic Flux Density Sensing
• Low Power-Down Current 9nA typical
• Very Low Power Consumption = 13μA During Operation (10Hz,
typ)
• Digital Output via Standard I2C Interface up to 1 Mbit/sec
• 12-bit Data Resolution for Each Measurement Direction
• Bx, By and Bz Linear Field Measurement up to +-1300Gs
• Different Power Modes and Variable Update Frequencies
• Supply Voltage Range = 2.8V to 5.5V, Temperature Range
TJ = -40°C to +125°C
• Small, Industrial 6-Pin SOT26 (Type A1) Package
• Interrupt Signal Available to Wake Up a Microcontroller to Save
System Power and Watch Dog in Wake-Up Mode
• Temperature Measurement
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AH4930Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF16949
certified facilities.

Applications
• Knobs/levers
• Joysticks with push
• Rotaries with push
• Linear (long strokes)
• Stalk gear shifters
• Shifter position sensors
• Robotics shaft positions
• Flap positions
• Mirror positions
• Flow meters
• Load detection
• Water levels
• Multimedia rotaries/push selectors
• Door handles & door locks
• Motor commutation
• Power tools (speed, torque, direction selections)
• 2-wheelers (throttle controls, multifunction switchgears)




Similar Part No. - AH4930Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH4930Q DIODES-AH4930Q Datasheet
251Kb / 2P
High-Precision I2C 3D Linear Hall Effect Sensor for Rotary and Proximity Detection in Automotive Applications
April 2025
AH4930Q-W6-7 DIODES-AH4930Q-W6-7 Datasheet
251Kb / 2P
High-Precision I2C 3D Linear Hall Effect Sensor for Rotary and Proximity Detection in Automotive Applications
April 2025
AH4930Q DIODES-AH4930Q_V01 Datasheet
251Kb / 2P
High-Precision I2C 3D Linear Hall Effect Sensor for Rotary and Proximity Detection in Automotive Applications
April 2025
More results


Similar Description - AH4930Q

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5410 AMSCO-AS5410 Datasheet
610Kb / 56P
3D-Hall Absolute Linear Position Sensor
logo
Infineon Technologies A...
TLV493D-A1B6 INFINEON-TLV493D-A1B6_16 Datasheet
1,007Kb / 23P
Low Power 3D Magnetic Sensor with I2C Interface
Rev. 1.0, 2016-01-29
TLE493D-W2B6 INFINEON-TLE493D-W2B6 Datasheet
627Kb / 21P
Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
TLE493D-A2B6 INFINEON-TLE493D-A2B6 Datasheet
766Kb / 27P
Low Power 3D Hall Sensor with I2C Interface
Ver. 0.1 2018-04-20
TLI493D-A2B6 INFINEON-TLI493D-A2B6 Datasheet
487Kb / 21P
Low Power 3D Hall Sensor with I2C Interface
Ver. 1.3 2019-04-09
logo
JOY-IT
KY-024 JOY-IT-KY-024 Datasheet
229Kb / 7P
Linear magnetic Hall Sensor
logo
Texas Instruments
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
TMAG5173-Q1 TI-TMAG5173-Q1 Datasheet
2Mb / 78P
TMAG5173-Q1 High-Precision 3D Hall-Effect Sensor With I2C Interface
SEPTEMBER 2022
logo
Infineon Technologies A...
TLI493D-W2BW INFINEON-TLI493D-W2BW Datasheet
1Mb / 23P
Low power 3D Hall sensor with I2C interface and Wake-Up function
V1.00 2020-07-21
logo
Texas Instruments
TMAG5173-Q1 TI-TMAG5173-Q1_V01 Datasheet
1Mb / 60P
TMAG5173-Q1 High-Precision 3D Hall-Effect Sensor With I2C Interface
REVISED SEPTEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com