Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5240 Datasheet (PDF) - Texas Instruments

ADS5240 Datasheet PDF - Texas Instruments
Part # ADS5240_V01
Download  ADS5240 Download
File Size   1075.52 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface

ADS5240 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5240 Datasheet PDF - Texas Instruments

Part # ADS5240_V01
Download  ADS5240 Click to download

File Size   1075.52 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface

ADS5240 Datasheet (HTML) - Texas Instruments


ADS5240 Product details

1FEATURES
23· Maximum Sample Rate: 40MSPS
· 12-Bit Resolution
· No Missing Codes
· Total Power Dissipation:
Internal Reference: 584mW
External Reference: 518mW
· CMOS Technology
· Simultaneous Sample-and-Hold
· 70.5dBFS SNR at 10MHz IF
· 3.3V Digital/Analog Supply
· Serialized LVDS Outputs
· Integrated Frame and Bit Patterns
· Option to Double LVDS Clock Output Currents
· Four Current Modes for LVDS
· Pin- and Format-Compatible Family
· HTQFP-64 PowerPAD™ Package

APPLICATIONS
· Portable Ultrasound Systems
· Tape Drives
· Test Equipment
· Optical Networking
· Communications

DESCRIPTION
The ADS5240 is a high-performance, 40MSPS,
4-channel analog-to-digital converter (ADC). Internal
references are provided, simplifying system design
requirements. Low power consumption allows for the
highest of system integration densities. Serial LVDS
(low-voltage differential signaling) outputs reduce the
number of interface lines and package size.
An integrated phase lock loop (PLL) multiplies the
incoming ADC sampling clock by a factor of 12. This
high-frequency LVDS clock is used in the data
serialization and transmission process. The word
output of each internal ADC is serialized and
transmitted either MSB or LSB first. In addition to the
four data outputs, a bit clock and a word clock are
also transmitted. The bit clock is at 6x the speed of the sampling clock, whereas the word clock is at the
same speed of the sampling clock.
The ADS5240 provides internal references, or can
optionally be driven with external references. Best
performance can be achieved through the internal
reference mode.
The device is available in an HTQFP-64 PowerPAD
package and is specified over a –40°C to +85°C operating range.




Similar Part No. - ADS5240_V01

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5240IPAP BURR-BROWN-ADS5240IPAP Datasheet
418Kb / 24P
4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5240IPAP TI2-ADS5240IPAP Datasheet
1Mb / 32P
4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
ADS5240IPAP.A TI2-ADS5240IPAP.A Datasheet
1Mb / 32P
4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
logo
Burr-Brown (TI)
ADS5240IPAPG4 BURR-BROWN-ADS5240IPAPG4 Datasheet
418Kb / 24P
4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5240IPAPT BURR-BROWN-ADS5240IPAPT Datasheet
418Kb / 24P
4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
More results


Similar Description - ADS5240_V01

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com