Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5295 Datasheet (PDF) - Texas Instruments

ADS5295 Datasheet PDF - Texas Instruments
Part # ADS5295
Download  ADS5295 Download
File Size   2032.33 Kbytes
Page   93 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter

ADS5295 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5295 Datasheet PDF - Texas Instruments

Part # ADS5295
Download  ADS5295 Click to download

File Size   2032.33 Kbytes
Page   93 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter

ADS5295 Datasheet (HTML) - Texas Instruments


ADS5295 Product details

1FEATURES
2• Maximum Sample Rate: 100 MSPS
• Designed for Low Power:
– 80 mW per channel at 100 MSPS
• SNR: 70.6 dBFS
• SFDR: 85 dBc at 10 MHz, 100 MSPS
• Serial LVDS ADC Data Outputs:
– One- or Two-Wire Serialized LVDS Outputs
per Channel
– One-Wire Interface:
Up to 80 MSPS Sample Rate
– Two-Wire Interface:
Up to 100 MSPS Sample Rate
• Digital Processing Block:
– Programmable FIR Decimation Filter and
Oversampling to Minimize Harmonic
Interference
– Programmable IIR High-Pass Filter to
Minimize DC Offset
– Programmable Digital Gain: 0 dB to 12 dB
• Low-Frequency Noise Suppression Mode
• Programmable Mapping Between ADC Input
Channels and LVDS Output Pins signal•
Channel Averaging Mode
• Variety of LVDS Test Patterns to Verify
Data Capture by FPGA or Receiver
• Package: 12-mm × 12-mm QFP-80

APPLICATIONS
• Ultrasound Imaging
• Communication Applications
• Multichannel Data Acquisition

DESCRIPTION
The ADS5295 is a low-power, 12-bit, 100-MSPS, 8-
channel analog-to-digital converter (ADC). Low power
consumption and integration of multiple channels in a
compact package make the device attractive for very
high channel count data acquisition systems.
Serial low-voltage differential signaling (LVDS)
outputs reduce the number of interface lines and
enable high system integration. The ADC digital data
can be output over one or two wires of LVDS pins per
channel. At high sample rates, the two-wire interface
helps keep the serial data rate low, allowing low-cost
field-programmable gate array (FPGA)-based
receivers to be used.
The device integrates an internal reference trimmed
to accurately match across devices. Best
performance is expected to be achieved through the internal reference mode. However, the device can be
driven with external references as well.
Several digital functions that are commonly used in systems are included in the device. These functions
include a low-frequency suppression mode, digital
filtering options, and programmable mapping.
For low input frequency applications, the low-
frequency noise suppression mode enables noise
suppression at low frequencies and improves signal•
to-noise ratio (SNR) in the 1-MHz band near dc by
approximately 3 dB. Digital filtering options include
low-pass, high-pass, and band-pass digital filters, as
well as dc offset removal filters. The device also
provides programmable mapping of the LVDS output
pins and analog input channels. For applications
where the 12-bit ADC SNR is not required, the
ADS5295 can be configured as an 8-channel, 10-bit
ADC with 10x LVDS serialization to reduce the output
data rate.
The device is available in a 12-mm × 12-mm QFP-80
package. The ADS5295 is specified over the –40°C
to +85°C operating temperature range.




Similar Part No. - ADS5295

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
ADS5295 TI2-ADS5295 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
ADS5295 TI2-ADS5295 Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
ADS5295 TI2-ADS5295 Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
ADS5295IPFP TI-ADS5295IPFP Datasheet
2Mb / 91P
12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
More results


Similar Description - ADS5295

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com