Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54J20 Datasheet (PDF) - Texas Instruments

ADS54J20 Datasheet PDF - Texas Instruments
Part # ADS54J20
Download  ADS54J20 Download
File Size   5644.17 Kbytes
Page   117 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS54J40 Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter

ADS54J20 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS54J20 Datasheet PDF - Texas Instruments

Part # ADS54J20
Download  ADS54J20 Click to download

File Size   5644.17 Kbytes
Page   117 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS54J40 Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter

ADS54J20 Datasheet (HTML) - Texas Instruments


ADS54J20 Product details

1 Features
• 14-bit resolution, dual-channel, 1-GSPS ADC
• Noise floor: –158 dBFS/Hz
• Spectral performance (fIN = 170 MHz at –1 dBFS):
– SNR: 69.0 dBFS
– NSD: –155.9 dBFS/Hz
– SFDR: 86 dBc (Including Interleaving Tones)
– SFDR: 89 dBc (Except HD2, HD3, and
interleaving tones)
• Spectral performance (fIN = 350 MHz at –1 dBFS):
– SNR: 66.3 dBFS
– NSD: –153.3 dBFS/Hz
– SFDR: 75 dBc
– SFDR: 85 dBc (except HD2, HD3, and
interleaving tones)
• Channel isolation: 100 dBc at fIN = 170 MHz
• Input full-scale: 1.9 VPP
• Input bandwidth (3 dB): 1.2 GHz
• On-chip dither
• Integrated wideband DDC block
• JESD204B interface with subclass 1 support:
– 2 lanes per ADC at 10.0 Gbps
– 4 lanes per ADC at 5.0 Gbps
– Support for multi-chip synchronization
• Power dissipation: 1.35 W/ch at 1 GSPS
• Package: 72-pin VQFNP (10 mm × 10 mm)

2 Applications
• Radar and antenna arrays
• Broadband wireless
• Cable CMTS, DOCSIS 3.1 receivers
• Communications test equipment
• Microwave receivers
• Software Defined Radio (SDR)
• Digitizers
• Medical imaging and diagnostics

3 Description
The ADS54J40 is a low-power, wide-bandwidth, 14-
bit, 1.0-GSPS, dual-channel, analog-to-digital
converter (ADC). Designed for high signal-to-noise
ratio (SNR), the device delivers a noise floor of –158
dBFS/Hz for applications aiming for highest dynamic
range over a wide instantaneous bandwidth. The
device supports the JESD204B serial interface with
data rates up to 10.0 Gbps, supporting two or four
lanes per ADC. The buffered analog input provides
uniform input impedance across a wide frequency
range and minimizes sample-and-hold glitch energy.
Each ADC channel optionally can be connected to a
wideband digital down-converter (DDC) block. The
ADS54J40 provides excellent spurious-free dynamic
range (SFDR) over a large input frequency range with
very low power consumption.
The JESD204B interface reduces the number of
interface lines, allowing high system integration
density. An internal phase-locked loop (PLL) multiplies
the ADC sampling clock to derive the bit clock that is
used to serialize the 14-bit data from each channel.




Similar Part No. - ADS54J20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
ADS54J20 TI2-ADS54J20 Datasheet
2Mb / 88P
ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
REVISED JANUARY 2017
ADS54J20 TI2-ADS54J20 Datasheet
4Mb / 98P
ADS54J60 Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
REVISED APRIL 2019
ADS54J20 TI2-ADS54J20 Datasheet
3Mb / 83P
ADS54J69 Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
REVISED JANUARY 2017
ADS54J20IRMP TI1-ADS54J20IRMP Datasheet
5Mb / 81P
Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
More results


Similar Description - ADS54J20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com