Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5807 Datasheet (PDF) - Texas Instruments

AFE5807 Datasheet PDF - Texas Instruments
Part # AFE5807
Download  AFE5807 Download
File Size   2423.73 Kbytes
Page   82 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC

AFE5807 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5807 Datasheet PDF - Texas Instruments

Part # AFE5807
Download  AFE5807 Click to download

File Size   2423.73 Kbytes
Page   82 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC

AFE5807 Datasheet (HTML) - Texas Instruments


AFE5807 Product details

1 Features
1• Maximum Sample Rate: 80 MSPS/14-Bit
• High Signal-to-Noise Ratio
– 75.5-dBFS SNR at 5 MHz / 80 MSPS
– 78.2-dBFS SNR at 5 MHz / 80 MSPS and
Decimation Filter Enabled
– 84-dBc SFDR at 5 MHz / 80 MSPS
• Low Power Consumption
– 58 mW/CH at 50 MSPS
– 77 mW/CH at 80 MSPS (2-LVDS Wire Per
Channel)
• Digital Processing Block
– Programmable FIR Decimation Filter and
Oversampling to Minimize Harmonic
Interference
– Programmable IIR High-Pass Filter to Minimize
DC Offset
– Programmable Digital Gain: 0 dB to 12 dB
– 2-Channel or 4-Channel Averaging
• Flexible Serialized LVDS Outputs:
– One or Two Wires of LVDS Output Lines Per
Channel Depending on ADC Sampling Rate
– Programmable Mapping Between ADC Input
Channels and LVDS Output Pins-Eases Board
Design
– Variety of Test Patterns to Verify Data Capture
by FPGA/Receiver
• Internal and External References
• 1.8-V Operation for Low Power Consumption
• Low-Frequency Noise Suppression
• Recovery From 6-dB Overload Within 1 Clock
Cycle
• Package: 12-mm × 12-mm 80-Pin QFP

2 Applications
• Ultrasound and Sonar Imaging
• Communication Applications
• Multi-channel Data Acquisition

3 Description
The ADS5294 is a low-power 80-MSPS 8-Channel
ADC that uses CMOS process technology and
innovative circuit techniques. Low power
consumption, high SNR, low SFDR, and consistent
overload recovery allow users to design highperformance
systems.
The digital processing block of the ADS5294
integrates several commonly used digital functions for
improving system performance. The device includes
a digital filter module that has built-in decimation
filters (with lowpass, highpass and bandpass
characteristics). The decimation rate is also
programmable (by 2, by 4, or by 8). This rate is useful
for narrow-band applications, where the filters are
used to conveniently improve SNR and knock-off
harmonics, while at the same time reducing the
output data rate. The device includes an averaging
mode where two channels (or even four channels)
are averaged to improve SNR.




Similar Part No. - AFE5807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI2-AFE5807 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5807 TI2-AFE5807 Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
AFE5807 TI2-AFE5807 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
REVISED MAY 2013
More results


Similar Description - AFE5807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5263_1110 TI1-ADS5263_1110 Datasheet
1Mb / 75P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS5263 TI-ADS5263_13 Datasheet
1Mb / 82P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
ADS5292 TI1-ADS5292_13 Datasheet
2Mb / 67P
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com