Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54J69 Datasheet (PDF) - Texas Instruments

ADS54J69 Datasheet PDF - Texas Instruments
Part # ADS54J69
Download  ADS54J69 Download
File Size   3794.31 Kbytes
Page   83 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS54J69 Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter

ADS54J69 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS54J69 Datasheet PDF - Texas Instruments

Part # ADS54J69
Download  ADS54J69 Click to download

File Size   3794.31 Kbytes
Page   83 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS54J69 Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter

ADS54J69 Datasheet (HTML) - Texas Instruments


ADS54J69 Product details

1 Features
1• 16-Bit Resolution, Dual-Channel, 500-MSPS ADC
• Idle Channel Noise Floor: –159 dBFS/Hz
• Spectral Performance (fIN = 170 MHz at –1 dBFS):
– SNR: 73 dBFS
– NSD: –157 dBFS/Hz
– SFDR: 93 dBc
– SFDR: 94 dBc (Except HD2, HD3, and
Interleaving Tone)
• Spectral Performance (fIN = 310 MHz at –1 dBFS):
– SNR: 71.7 dBFS
– NSD: –155.7 dBFS/Hz
– SFDR: 81 dBc
– SFDR: 94 dBc (Except HD2, HD3, and
Interleaving Tone)
• Channel Isolation: 100 dBc at fIN = 170 MHz
• Input Full-Scale: 1.9 VPP
• Input Bandwidth (3 dB): 1.2 GHz
• On-Chip Dither
• Integrated Decimate-by-2 Filter
• JESD204B Interface with Subclass 1 Support:
– 1 Lane per ADC at 10.0 Gbps
– 2 Lanes per ADC at 5.0 Gbps
– Support for Multi-Chip Synchronization
• Power Dissipation: 1.35 W/ch at 500 MSPS
• 72-Pin VQFNP Package (10 mm × 10 mm)

2 Applications
• Radar and Antenna Arrays
• Broadband Wireless
• Cable CMTS, DOCSIS 3.1 Receivers
• Communications Test Equipment
• Microwave Receivers
• Software Defined Radio (SDR)
• Digitizers
• Medical Imaging and Diagnostics

3 Description
The ADS54J69 is a low-power, wide-bandwidth, 16-
bit, 500-MSPS, dual-channel, analog-to-digital
converter (ADC). Designed for high signal-to-noise
ratio (SNR), the device delivers a noise floor of
–159 dBFS/Hz for applications aiming for highest
dynamic range over a wide instantaneous bandwidth.
The device supports the JESD204B serial interface
with data rates up to 10.0 Gbps, supporting one or
two lanes per ADC. The buffered analog input
provides uniform input impedance across a wide
frequency range and minimizes sample-and-hold
glitch energy. Each ADC channel is directly
connected to a wideband digital down-converter
(DDC) block. The ADS54J69 provides excellent
spurious-free dynamic range (SFDR) over a large
input frequency range with very low power
consumption.
The JESD204B interface reduces the number of
interface lines, allowing high system integration
density. An internal phase-locked loop (PLL)
multiplies the ADC sampling clock to derive the bit
clock that is used to serialize the 16-bit data from
each channel.




Similar Part No. - ADS54J69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
ADS54J69 TI2-ADS54J69 Datasheet
2Mb / 88P
ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
REVISED JANUARY 2017
ADS54J69 TI2-ADS54J69 Datasheet
5Mb / 117P
ADS54J40 Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
REVISED DECEMBER 2020
ADS54J69 TI2-ADS54J69 Datasheet
4Mb / 84P
ADS54J42 Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
REVISED MARCH 2016
ADS54J69 TI2-ADS54J69 Datasheet
4Mb / 98P
ADS54J60 Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
REVISED APRIL 2019
More results


Similar Description - ADS54J69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
Dual 14-bit 500 MSPS Digital to Analog Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
Dual Channel 12-Bit 500 Msps Analog to Digital Converter
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
ADC31JB68 TI1-ADC31JB68 Datasheet
3Mb / 74P
Single Channel 16-bit 500 Msps Analog to Digital Converter
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com