Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS800 Datasheet (PDF) - Texas Instruments

ADS800 Datasheet PDF - Texas Instruments
Part # ADS800
Download  ADS800 Download
File Size   433.7 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS800 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS800 Datasheet PDF - Texas Instruments

Part # ADS800
Download  ADS800 Click to download

File Size   433.7 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS800 Datasheet (HTML) - Texas Instruments


ADS800 Product details

FEATURES
LOW POWER: 390mW
INTERNAL REFERENCE
WIDEBAND TRACK-AND-HOLD: 65MHz
SINGLE +5V SUPPLY

APPLICATIONS
IF AND BASEBAND DIGITIZATION
DIGITAL COMMUNICATIONS
ULTRASOUND IMAGING
GAMMA CAMERAS
TEST INSTRUMENTATION
CCD IMAGING
Copiers
Scanners
Cameras
VIDEO DIGITIZING

DESCRIPTION
The ADS800 is a low-power, monolithic 12-bit, 40MHz Analog-
to-Digital (A/D) converter utilizing a small geometry CMOS
process. This complete converter includes a 12-bit quantizer,
wideband track-and-hold, reference, and three-state outputs.
It operates from a single +5V power supply and can be
configured to accept either differential or single-ended input
signals.
The ADS800 employs digital error correction to provide
excellent Nyquist differential linearity performance for demanding
imaging applications. Its low distortion, high SNR,
and high oversampling capability give it the extra margin
needed for telecommunications, test instrumentation, and
video applications.
This high-performance A/D converter is specified over temperature
for AC and DC performance at a 40MHz sampling
rate. The ADS800 is available in an SO-28 package.




Similar Part No. - ADS800

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS800E BURR-BROWN-ADS800E Datasheet
368Kb / 17P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800E TI1-ADS800E Datasheet
958Kb / 23P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS800E/1K BURR-BROWN-ADS800E/1K Datasheet
368Kb / 17P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS800

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com