Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541 Datasheet (PDF) - Texas Instruments

ADS5541 Datasheet PDF - Texas Instruments
Part # ADS5541
Download  ADS5541 Download
File Size   2099.79 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER

ADS5541 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5541 Datasheet PDF - Texas Instruments

Part # ADS5541
Download  ADS5541 Click to download

File Size   2099.79 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER

ADS5541 Datasheet (HTML) - Texas Instruments


ADS5541 Product details

FEATURES
· 14-Bit Resolution
· 125 Msps Sample Rate
· High SNR: 71.2 dBFS at 100-MHz f IN
· High SFDR: 82 dBc at 100-MHz fIN
· 2.3-VPP Differential Input Voltage
· Internal Voltage Reference
· 3.3-V Single-Supply Voltage
· Analog Power Dissipation: 578 mW
· Serial Programming Interface
· TQFP-64 PowerPAD™ Package
· Recommended Amplifiers:
OPA695, OPA847, THS3201, THS3202,
THS4503, THS4509, THS9001

APPLICATIONS
· Wireless Communication
– Communication Receivers
– Base Station Infrastructure
· Test and Measurement Instrumentation
· Single and Multichannel Digital Receivers
· Communication Instrumentation
– Radar, Infrared
· Video and Imaging
· Medical Equipment

DESCRIPTION
The ADS5500 is a high-performance, 14-bit, 125
Msps analog-to-digital converter (ADC). To provide a
complete converter solution, it includes a
high-bandwidth linear sample-and-hold stage (S&H)
and internal reference. Designed for applications
demanding the highest speed and highest dynamic
performance in little space, the ADS5500 has
excellent power consumption of 578 mW at 3.3-V
single-supply voltage. This allows an even higher
system integration density. The provided internal
reference simplifies system design requirements.
Parallel CMOS-compatible output ensures seamless
interfacing with common logic.
The ADS5500 is available in a 64-pin TQFP
PowerPAD™ package and in both a commercial and industrial temperature grade device.




Similar Part No. - ADS5541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5541 BURR-BROWN-ADS5541 Datasheet
401Kb / 30P
14-Bit, 80MSPS Analog-to-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
274Kb / 20P
12-Bit, 105MSPS Analog-toDigital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
More results


Similar Description - ADS5541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com