Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1002ANC-GE1 Datasheet (PDF) - RAMXEED LIMITED

MB85R1002ANC-GE1 Datasheet PDF - RAMXEED LIMITED
Part # MB85R1002ANC-GE1
Download  MB85R1002ANC-GE1 Download
File Size   1882.96 Kbytes
Page   23 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 1 M Bit (64 K x 16)

MB85R1002ANC-GE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85R1002ANC-GE1 Datasheet PDF - RAMXEED LIMITED

Part # MB85R1002ANC-GE1
Download  MB85R1002ANC-GE1 Click to download

File Size   1882.96 Kbytes
Page   23 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 1 M Bit (64 K x 16)

MB85R1002ANC-GE1 Datasheet (HTML) - RAMXEED LIMITED


MB85R1002ANC-GE1 Product details

DESCRIPTIONS
The MB85R1002A is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 65,536 words 
16 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS process
technologies.
The MB85R1002A is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R1002A can be used for 1010 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
The MB85R1002A uses a pseudo-SRAM interface.

FEATURES
Bit configuration : 65,536 words  16 bits
• LB and UB data byte control
• Read/write endurance : 1010 times / byte
• Data retention : 10 years (  55 C), 55 years (  35 C)
• Operating power supply voltage : 3.0 V to 3.6 V
• Low power operation : Operating power supply current 10 mA (Typ)
Standby current 10 A (Typ)
• Operation ambient temperature range :  40 C to + 85 C
• Package : 48-pin plastic TSOP
RoHS compliant




Similar Part No. - MB85R1002ANC-GE1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
More results


Similar Description - MB85R1002ANC-GE1

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
fujitsu semiconductor
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R1002 FUJITSU-MB85R1002_09 Datasheet
127Kb / 16P
Memory FRAM CMOS 1 M Bit (64 K 횞 16)
logo
Elpida Memory
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
fujitsu semiconductor
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R1002A_1107 FUJITSU-MB85R1002A_1107 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
logo
Cypress Semiconductor
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
1-Mbit (64 K x 16) Static RAM
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
1-Mbit (64 K x 16) Static RAM
logo
fujitsu semiconductor
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (64 K 횞 16)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com