Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUP-1010-B Datasheet (PDF) - SICK AG

KUP-1010-B Datasheet PDF - SICK AG
Part # KUP-1010-B
Download  KUP-1010-B Download
File Size   438.99 Kbytes
Page   3 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description Bellows coupling, shaft diameter 10 mm/10 mm; maximum shaft offset: radial /- 0.25 mm, axial /- 0.4 mm, angular /- 4°; max.

KUP-1010-B Datasheet (PDF)

Go To PDF Page Download Datasheet
KUP-1010-B Datasheet PDF - SICK AG

Part # KUP-1010-B
Download  KUP-1010-B Click to download

File Size   438.99 Kbytes
Page   3 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description Bellows coupling, shaft diameter 10 mm/10 mm; maximum shaft offset: radial /- 0.25 mm, axial /- 0.4 mm, angular /- 4°; max.

KUP-1010-B Datasheet (HTML) - SICK AG


KUP-1010-B Product details

Bellows coupling, shaft diameter 10 mm/10 mm; maximum shaft offset: radial +/- 0.25 mm,
axial +/- 0.4 mm, angular +/- 4°; max. revolutions 10,000 rpm, –30° to +120 °C, max. torque
120 Ncm; material: stainless steel bellows, aluminum clamping hubs




Similar Part No. - KUP-1010-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KUP-11A11-120 MACOM-KUP-11A11-120 Datasheet
1Mb / 5P
KUP Series Panel Plug-in Relay
KUP-11A11-120 MACOM-KUP-11A11-120 Datasheet
1Mb / 5P
AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
09-2010, Rev. 0910
KUP-11A11-120 MACOM-KUP-11A11-120 Datasheet
1Mb / 5P
AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
09-2010, Rev. 0910
KUP-11A15-12 MACOM-KUP-11A15-12 Datasheet
1Mb / 5P
KUP Series Panel Plug-in Relay
KUP-11A15-12 MACOM-KUP-11A15-12 Datasheet
1Mb / 5P
AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
09-2010, Rev. 0910
More results


Similar Description - KUP-1010-B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
12 mm Encoder with Illuminated Shaft
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
12 mm Encoder with Illuminated Shaft
logo
Baumer IVO GmbH & Co. K...
4B10Y1 IVO-4B10Y1 Datasheet
371Kb / 4P
Solid shaft 11 mm with EURO flange
4B10Y4 IVO-4B10Y4 Datasheet
371Kb / 4P
Solid shaft 11 mm with EURO flange
4B10Y5 IVO-4B10Y5 Datasheet
346Kb / 4P
Solid shaft 11 mm with EURO flange
40B10Y1 IVO-40B10Y1 Datasheet
371Kb / 4P
Solid shaft 첩11 mm with EURO flange
40B10Y4 IVO-40B10Y4 Datasheet
371Kb / 4P
Solid shaft 11 mm with EURO flange
40B10Y18 IVO-40B10Y18 Datasheet
381Kb / 4P
Blind hollow shaft 10 mm with EURO flange
41B10 IVO-41B10 Datasheet
322Kb / 4P
Solid shaft 11 mm with EURO flange
logo
Lite-On Technology Corp...
LTS-4301JF LITEON-LTS-4301JF Datasheet
142Kb / 5P
0.4 inch (10 mm) DIGIT HEIGHT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com