Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0116 Datasheet (PDF) - DFROBOT

SEN0116 Datasheet PDF - DFROBOT
Part # SEN0116
Download  SEN0116 Download
File Size   172.51 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Mini Robot chassis Encoder (SKU:SEN0116)

SEN0116 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0116 Datasheet PDF - DFROBOT

Part # SEN0116
Download  SEN0116 Click to download

File Size   172.51 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Mini Robot chassis Encoder (SKU:SEN0116)

SEN0116 Datasheet (HTML) - DFROBOT


SEN0116 Product details

Specification
 Working Voltage:3.3V or 5V
 Working Current:<14mA @5V
 Pulse Output:12 per revolution
 Compatibility:42mm x 19mm wheel




Similar Part No. - SEN0116

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0114 DFROBOT-SEN0114 Datasheet
174Kb / 4P
Moisture Sensor (SKU:SEN0114)
More results


Similar Description - SEN0116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMPS03 ETC-CMPS03 Datasheet
105Kb / 3P
Robot Compass Module
logo
Vicor Corporation
08-040921 VICOR-08-040921 Datasheet
165Kb / 2P
OUTLINE MINI MEGAPAC STANDARD CHASSIS
logo
List of Unclassifed Man...
28990 ETC2-28990 Datasheet
819Kb / 16P
Eddie Robot Platform
3216 ETC2-3216 Datasheet
111Kb / 2P
Mini Round Robot Chassis Kit - 2WD with DC Motors
logo
Advantech Co., Ltd.
AIMB-B2275 ADVANTECH-AIMB-B2275 Datasheet
924Kb / 2P
Embedded Mini-ITX Chassis
AIMB-B2242 ADVANTECH-AIMB-B2242 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
AIMB-B2203 ADVANTECH-AIMB-B2203 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
logo
DFI Inc
DT122 DFI-DT122 Datasheet
2Mb / 4P
Desktop Chassis for Mini-ITX
logo
Advantech Co., Ltd.
ARK-6610 ADVANTECH-ARK-6610_V01 Datasheet
955Kb / 2P
Compact Chassis for Mini-ITX Motherboard
23-Mar-2018
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
Robot kit suction gripper
6/7/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com