Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0134 Datasheet (PDF) - DFROBOT

SEN0134 Datasheet PDF - DFROBOT
Part # SEN0134
Download  SEN0134 Download
File Size   271.03 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Analog Gas Sensor(MQ9) SKU:SEN0134

SEN0134 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0134 Datasheet PDF - DFROBOT

Part # SEN0134
Download  SEN0134 Click to download

File Size   271.03 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Analog Gas Sensor(MQ9) SKU:SEN0134

SEN0134 Datasheet (HTML) - DFROBOT


SEN0134 Product details

Application
 Domestic gas leakage detector
 Industrial gas detector
 Portable gas detector

Specification
 Power supply needs: 5V
 Interface type: Analog
 Sensor Type: Semiconductor
 Concentration:
o 10‐1000ppm CO
o 100‐10000ppm combustible gas
 Good sensitivity to CO/Combustible gas
 High sensitivity to Methane, Propane and CO
 Long life and low cost
 Size: 36.4x26.6mm




Similar Part No. - SEN0134

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0130 DFROBOT-SEN0130 Datasheet
161Kb / 4P
Analog Gas Sensor(MQ5) (SKU:SEN0130)
SEN0131 DFROBOT-SEN0131 Datasheet
267Kb / 4P
LPG Gas Sensor(MQ6) (SKU:SEN0131)
SEN0132 DFROBOT-SEN0132 Datasheet
198Kb / 3P
Carbon Monoxide Gas Sensor(MQ7) (SKU:SEN0132)
SEN0133 DFROBOT-SEN0133 Datasheet
259Kb / 4P
Hydrogen Gas Sensor(MQ8) (SKU:SEN0133)
SEN0137 DFROBOT-SEN0137 Datasheet
288Kb / 5P
DHT22 Temperature and humidity module SKU:SEN0137
More results


Similar Description - SEN0134

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SGAS711 IDT-SGAS711 Datasheet
766Kb / 15P
Flammable Gas Sensor
logo
Hanwei Electronics Grou...
MQ-136 HANWEI-MQ-136 Datasheet
148Kb / 2P
GAS SENSOR
MQ-131 HANWEI-MQ-131 Datasheet
83Kb / 2P
GAS SENSOR
logo
Zhengzhou Winsen Electr...
WSP2110 WINSEN-WSP2110 Datasheet
483Kb / 7P
VOC Gas Sensor
MC115 WINSEN-MC115 Datasheet
458Kb / 6P
Catalytic Gas Sensor
MP-5 WINSEN-MP-5 Datasheet
517Kb / 7P
Flammable Gas Sensor
ME4-NH3 WINSEN-ME4-NH3 Datasheet
470Kb / 6P
Ammonia Gas Sensor
MQ138 WINSEN-MQ138 Datasheet
560Kb / 6P
Gas Sensor for VOC Gas
logo
Hanwei Electronics Grou...
MQ-2 HANWEI-MQ-2 Datasheet
59Kb / 2P
GAS SENSOR
MQ-7 HANWEI-MQ-7 Datasheet
59Kb / 3P
GAS SENSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com