Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4277 Datasheet (PDF) - 3M Electronics

4277 Datasheet PDF - 3M Electronics
Part # 4277
Download  4277 Download
File Size   2948.51 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Reusable Half Face Masks

4277 Datasheet (PDF)

Go To PDF Page Download Datasheet
4277 Datasheet PDF - 3M Electronics

Part # 4277
Download  4277 Click to download

File Size   2948.51 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Reusable Half Face Masks

4277 Datasheet (HTML) - 3M Electronics


4277 Product details

Product Description
The 3M™ 4000 Series Reusable Half Face Masks are a range of ready-to-use, maintenance-free half face masks, designed for effective and comfortable protection against many gases, vapours and combination particulate hazards found throughout industry. Utilizing unique filter technology allows a very low-profile for undisturbed view to make your work life more comfortable.

Key Features
• Disposable, maintenance free half mask.
• Soft, textured face seal to provide a more comfortable fit to the face.
• Lightweight and well balanced to ensure comfort during long periods of work.
• Twin inhalation valves and large, bonded carbon filters to reduce breathing resistance, complimented by a low resistance parabolic exhalation valve to reduce heat build-up.
• Low profile design allows for better peripheral vision and compatibility with 3M™ Eyewear range.
• Easy to use as no need for assembly, maintenance or record keeping.
• Easy and secure fitting of neck strap and adjustment of head cradle.
• Optional overspray guard prolongs the life of the particulate filter when paint spraying.
• Maximum product weight of 320 grams.

Applications
The 3M™ 4000 Series Reusable Half Face Masks come in a variety of different product options:
• 3M™ 4251 (FFA1P2 R D) provides protection against organic vapours (good warning properties and b.pt. > 65°C), up to 10 x Threshold Limit Value (TLV) or 1000 parts per million (ppm), whichever is lower, and 12 x TLV for particulates.
• 3M™ 4255 (FFA2P3 R D) provides protection against organic vapours (good warning properties and b.pt. > 65°C), up to 10 x TLV or 5000 ppm, whichever is lower and 50 x TLV for particulates.
• 3M™ 4277 (FFABE1P3 R D) provides protection against organic vapours (good warning properties and b.pt. > 65°C), inorganic and acid gases up to 10 x TLV or 1000 ppm, whichever is lower and 50 x TLV for particulates.
• 3M™ 4279 (FFABEK1P3 R D) provides protection against organic vapours (good warning properties and b.pt. > 65°C), inorganic and acid gases and ammonia, up to 10 x TLV or 1000 ppm, whichever is lower and 50 xTLV for particulates.




Similar Part No. - 4277

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4277 POMONA-4277 Datasheet
19Kb / 1P
BNC (Female) Cable With Molded Strain Relief
logo
Heyco.
4277 HEYCO-4277 Datasheet
93Kb / 1P
Nylon Kayak Clips
logo
Adafruit Industries
4277 ADAFRUIT-4277 Datasheet
668Kb / 2P
Adafruit PyGamer Starter Kit
7-26-19
logo
Turck, Inc.
4277093 TURCK-4277093 Datasheet
179Kb / 3P
Inductive Sensor – for high pressures
11/07/2023
logo
Fair-Rite Products Corp...
4277142009 FAIR-RITE-4277142009 Datasheet
1Mb / 3P
Rods
More results


Similar Description - 4277

ManufacturerPart #DatasheetDescription
logo
3M Electronics
07025 3M-07025 Datasheet
162Kb / 1P
3M Half Facepiece Reusable Respirator 6200/07025
logo
List of Unclassifed Man...
5380598-2 ETC2-5380598-2 Datasheet
67Kb / 1P
REUSABLE COMPONENT RECEPTACLE
logo
P-tec Corporation
PDC56C-CXDW01 P-TEC-PDC56C-CXDW01 Datasheet
821Kb / 8P
Gray Face, White Segments or Black Face, White Segments
PDC300-CXDXXX P-TEC-PDC300-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC563-CXMXXX P-TEC-PDC563-CXMXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC30SM-CXDXXX P-TEC-PDC30SM-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
logo
3M Electronics
6500QL 3M-6500QL Datasheet
4Mb / 46P
Rugged Comfort Quick Latch Half Facepiece Reusable Respirator 6500QL Series
3M 2020
FF-400 3M-FF-400 Datasheet
1Mb / 8P
3M??Reusable Respirators
4060 3M-4060 Datasheet
912Kb / 2P
Half Facepiece Respirators 7500 Series, Ultimate Reusable
7/1/09
6501 3M-6501 Datasheet
58Kb / 3P
3M™ Rugged Comfort Half Facepiece Reusable Respirator 6501/49487, Small, 10 EA/Case
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com