Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7028 Datasheet (PDF) - Texas Instruments

ADS7028 Datasheet PDF - Texas Instruments
Part # ADS7028
Download  ADS7028 Download
File Size   1169.53 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7028 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC

ADS7028 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7028 Datasheet PDF - Texas Instruments

Part # ADS7028
Download  ADS7028 Click to download

File Size   1169.53 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7028 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC

ADS7028 Datasheet (HTML) - Texas Instruments


ADS7028 Product details

1 Features
1• Small package size:
– WQFN 3 mm × 3 mm
• 8 channels configurable as any combination of:
– Up to 8 analog inputs, digital inputs, or digital
outputs
• GPIOs for I/O expansion:
– Open-drain, push-pull digital outputs
• Analog watchdog:
– Programmable thresholds per channel
– Event counter for transient rejection
• Wide operating ranges:
– AVDD: 2.35 V to 5.5 V
– DVDD: 1.65 V to 5.5 V
– –40°C to +85°C temperature range
• Enhanced-SPI digital interface:
– High-speed, 60-MHz interface
– Achieve full throughput with >13.5-MHz SPI
• CRC for read/write operation:
– CRC on data read/write
– CRC on power-up configuration
• Programmable averaging filters
• Root-mean-square module:
– 16-bit true RMS output
– Programmable RMS time window
• Zero-crossing-detect module:
– ZCD output corresponding to analog input
– Built-in transient rejection and hysteresis
– Digitally adjustable detection threshold

2 Applications
• Refrigerator and freezer
• Rack server
• Mixed module (AI, AO, DI, DO)
• AC drive power stage module

3 Description
The ADS7028 is an easy-to-use, 8-channel,
multiplexed, 12-bit, 1-MSPS, successive
approximation register analog-to-digital converter
(SAR ADC). The eight channels can be
independently configured as either analog inputs,
digital inputs, or digital outputs. The device has an
internal oscillator for the ADC conversion process.
The ADS7028 communicates through an SPIcompatible
interface and operates in either
autonomous or single-shot conversion mode. The
ADS7028 implements the analog watchdog function
by event-triggered interrupts per channel using a
digital window comparator with programmable high
and low thresholds, hysteresis, and an event counter.
The ADS7028 has a built-in cyclic redundancy check
(CRC) for data read/write operations and the powerup
configuration. The ADS7028 features a root-meansquare
(RMS) module that computes a 16-bit true
RMS result for any analog input channel. The
integrated zero-crossing-detect (ZCD) module allows
for transient rejection and hysteresis near the
configurable threshold crossings.




Similar Part No. - ADS7028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7028 TI1-ADS7028 Datasheet
772Kb / 76P
ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028 TI1-ADS7028 Datasheet
661Kb / 70P
ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028 TI1-ADS7028 Datasheet
2Mb / 86P
ADS7038x Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
SEPTEMBER 2024
ADS7028 TI2-ADS7028 Datasheet
2Mb / 86P
ADS7038x Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
REVISED SEPTEMBER 2024
ADS7028IRTER TI1-ADS7028IRTER Datasheet
772Kb / 76P
ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
More results


Similar Description - ADS7028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7128 TI1-ADS7128 Datasheet
816Kb / 79P
Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7028 TI1-ADS7028 Datasheet
772Kb / 76P
ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
661Kb / 70P
ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
ADS7038-Q1 TI1-ADS7038-Q1 Datasheet
984Kb / 76P
ADS7038-Q1 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7138-Q1 TI1-ADS7138-Q1 Datasheet
1Mb / 81P
ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7038-Q1 TI-ADS7038-Q1_V01 Datasheet
2Mb / 88P
ADS7038-Q1 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC
ADS7138-Q1 TI-ADS7138-Q1_V01 Datasheet
2Mb / 93P
ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com