Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7038 Datasheet (PDF) - Texas Instruments

ADS7038 Datasheet PDF - Texas Instruments
Part # ADS7038
Download  ADS7038 Download
File Size   2401.33 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7038x Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC

ADS7038 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7038 Datasheet PDF - Texas Instruments

Part # ADS7038
Download  ADS7038 Click to download

File Size   2401.33 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7038x Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC

ADS7038 Datasheet (HTML) - Texas Instruments


ADS7038 Product details

1 Features
• Small package size:
– WQFN 3mm × 3mm
• 8 channels configurable as any combination of:
– Up to 8 analog inputs, digital inputs, or digital
outputs
• GPIOs for I/O expansion:
– Open-drain, push-pull digital outputs
• Analog watchdog:
– Programmable thresholds per channel
– Event counter for transient rejection
• Wide operating ranges:
– AVDD: 2.35V to 5.5V
– DVDD: 1.65V to 5.5V
– –40°C to +125°C temperature range
• Enhanced-SPI digital interface:
– High-speed, 60MHz interface
– Achieve full throughput with >13.5MHz SPI
• CRC for read/write operation:
– CRC on data read/write
– CRC on power-up configuration
• Programmable averaging filters:
– Programmable sample size for averaging
– Averaging with internal conversions
– 16-bit resolution

2 Applications
• Macro remote radio units (RRU)
• Battery management systems (BMS)
• String inverters
• Central inverters

3 Description
The ADS7038 is an easy-to-use, 8-channel,
multiplexed, 12-bit, successive approximation register
analog-to-digital converter (SAR ADC). The eight
channels can be independently configured as either
analog inputs, digital inputs, or digital outputs.
The device has an internal oscillator for the ADC
conversion process.
The ADS7038 communicates through an SPIcompatible
interface and operates in either
autonomous or single-shot conversion mode. The
ADS7038 implements the analog watchdog function
by event-triggered interrupts per channel using a
digital window comparator with programmable high
and low thresholds, hysteresis, and an event counter.
The ADS7038 has a built-in cyclic redundancy check
(CRC) for data read/write operations and the powerup
configuration.




Similar Part No. - ADS7038

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7038 TI1-ADS7038 Datasheet
772Kb / 76P
ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
661Kb / 70P
ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
984Kb / 76P
ADS7038-Q1 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI-ADS7038 Datasheet
2Mb / 88P
ADS7038-Q1 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
2Mb / 86P
ADS7038x Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
SEPTEMBER 2024
More results


Similar Description - ADS7038

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7128 TI1-ADS7128 Datasheet
816Kb / 79P
Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7028 TI1-ADS7028 Datasheet
772Kb / 76P
ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
661Kb / 70P
ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
ADS7038-Q1 TI1-ADS7038-Q1 Datasheet
984Kb / 76P
ADS7038-Q1 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7138-Q1 TI1-ADS7138-Q1 Datasheet
1Mb / 81P
ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7038-Q1 TI-ADS7038-Q1_V01 Datasheet
2Mb / 88P
ADS7038-Q1 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC
ADS7138-Q1 TI-ADS7138-Q1_V01 Datasheet
2Mb / 93P
ADS7138-Q1 Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com