Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7044 Datasheet (PDF) - Texas Instruments

ADS7044 Datasheet PDF - Texas Instruments
Part # ADS7044
Download  ADS7044 Download
File Size   1041.69 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7044 Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC

ADS7044 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7044 Datasheet PDF - Texas Instruments

Part # ADS7044
Download  ADS7044 Click to download

File Size   1041.69 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7044 Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC

ADS7044 Datasheet (HTML) - Texas Instruments


ADS7044 Product details

1 Features
1• Industry's First SAR ADC with Nanowatt Power
Consumption:
– 261 μW at 1 MSPS with 1.8-V AVDD
– 900 μW at 1 MSPS with 3-V AVDD
– 90 μW at 100 kSPS with 3-V AVDD
– Less than 1 μW at 1 kSPS with 3-V AVDD
• Industry's Smallest SAR ADC:
– X2QFN-8 Package with 2.25-mm2 Footprint
• 1-MSPS Throughput with Zero Data Latency
• Wide Operating Range:
– AVDD: 1.65 V to 3.6 V
– DVDD: 1.65 V to 3.6 V (Independent of AVDD)
– Temperature Range: –40°C to 125°C
• Excellent Performance:
– 12-Bit Resolution with NMC
– ±1-LSB (Max) DNL and INL
– 71-dB SNR with 3-V AVDD
– –85-dB THD with 3-V AVDD
• Unipolar, Differential Input Range:
–AVDD to AVDD
• Integrated Offset Calibration
• SPI™-Compatible Serial Interface: 16 MHz
• JESD8-7A Compliant Digital I/O

2 Applications
• Low-Power Data Acquisition
• Battery-Powered Handheld Equipment
• Level Sensors
• Ultrasonic Flow Meters
• Motor Controls
• Wearable Fitness
• Portable Medical Equipment
• Hard Drives
• Glucose Meters

3 Description
The ADS7044 is a 1-MSPS, analog-to-digital
converter (ADC). The device supports a wide analog
input voltage range (±1.65 V to ±3.6 V) and includes
a capacitor-based, successive-approximation register
(SAR) ADC with an inherent sample-and-hold circuit.
The SPI-compatible serial interface is controlled by
the CS and SCLK signals. The input signal is sampled with the CS falling edge and SCLK is used
for conversion and serial data output. The device
supports a wide digital supply range (1.65 V to 3.6 V),
enabling direct interface to a variety of host controllers. The device complies with the JESD8-7A
standard for normal DVDD range (1.65 V to 1.95 V).
The device is available in 8-pin, miniature, leaded,
and X2QFN packages and is specified for operation
from –40°C to 125°C. Miniature form-factor and
extremely low-power consumption make this device suitable for space-constrained, battery-powered
applications.




Similar Part No. - ADS7044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI2-ADS7044 Datasheet
892Kb / 46P
ADS7042 Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
REVISED DECEMBER 2015
ADS7044IDCUR TI1-ADS7044IDCUR Datasheet
1Mb / 41P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044IDCUT TI1-ADS7044IDCUT Datasheet
1Mb / 41P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044IRUGR TI1-ADS7044IRUGR Datasheet
1Mb / 41P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results


Similar Description - ADS7044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com