Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7223 Datasheet (PDF) - Texas Instruments

ADS7223 Datasheet PDF - Texas Instruments
Part # ADS7223
Download  ADS7223 Download
File Size   1716.05 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADSxxx3 Dual, 1-MSPS, 16-, 14-, and 12-Bit, 4×2 or 2×2 Channel, Simultaneous Sampling Analog-to-Digital Converter

ADS7223 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7223 Datasheet PDF - Texas Instruments

Part # ADS7223
Download  ADS7223 Click to download

File Size   1716.05 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADSxxx3 Dual, 1-MSPS, 16-, 14-, and 12-Bit, 4×2 or 2×2 Channel, Simultaneous Sampling Analog-to-Digital Converter

ADS7223 Datasheet (HTML) - Texas Instruments


ADS7223 Product details

1 Features
1• Eight Pseudo- or Four Fully-Differential Inputs
• Simultaneous Sampling of Two Channels
• Excellent AC Performance:
– SNR:
93 dB (ADS8363)
85 dB (ADS7263)
73 dB (ADS7223)
– THD:
–98 dB (ADS8363)
–92 dB (ADS7263)
–86 dB (ADS7223)
• Dual Programmable and Buffered 2.5-V
Reference Allows:
– Two Different Input Voltage Range Settings
– Two-Level PGA Implementation
• Programmable Auto-Sequencer
• Integrated Data Storage (up to 4 per channel) for
Oversampling Applications
• 2-Bit Counter for Safety Applications
• Fully Specified Over the Extended Industrial
Temperature Range: –40°C to +125°C

2 Applications
• Motor Control: Current and Position Measurement
including Safety Applications
• Power Quality Measurement
• Three-Phase Power Control
• Programmable Logic Controllers
• Industrial Automation
• Protection Relays

3 Description
The ADS8363 is a dual, 16-bit, 1-MSPS analog-todigital
converter (ADC) with eight pseudo- or four
fully-differential input channels grouped into two pairs
for simultaneous signal acquisition. The analog inputs
are maintained differentially to the input of the ADC.
The input multiplexer can be used in either pseudodifferential
mode, supporting up to four channels per
ADC (4x2), or in fully-differential mode that allows to
convert up to two inputs per ADC (2x2). The
ADS7263 is a 14-bit version and the ADS7223 is a
12-bit version of the ADS8363.
The ADS8363, ADS7263, and ADS7223 offer two
programmable reference outputs, flexible supply
voltage ranges, a programmable auto-sequencer,
data storage of up to four conversion results per
channel, and several power-down features.
All devices are offered in a 5-mm x 5-mm, 32-pin
VQFN package.




Similar Part No. - ADS7223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7223 TI-ADS7223 Datasheet
1Mb / 51P
Dual, 1MSPS, 16-/14-/12-Bit, 4x2 or 2x2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7223 TI-ADS7223 Datasheet
709Kb / 49P
Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7223 TI1-ADS7223 Datasheet
844Kb / 50P
Dual, 1MSPS, 16-/14-/12-Bit, 4횞2 or 2횞2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7223SRHBR TI-ADS7223SRHBR Datasheet
709Kb / 49P
Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7223SRHBT TI-ADS7223SRHBT Datasheet
709Kb / 49P
Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Similar Description - ADS7223

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8363SRHBT TI-ADS8363SRHBT Datasheet
709Kb / 49P
Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com