Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7881 Datasheet (PDF) - Texas Instruments

ADS7881 Datasheet PDF - Texas Instruments
Part # ADS7881
Download  ADS7881 Download
File Size   1693.57 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER

ADS7881 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7881 Datasheet PDF - Texas Instruments

Part # ADS7881
Download  ADS7881 Click to download

File Size   1693.57 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER

ADS7881 Datasheet (HTML) - Texas Instruments


ADS7881 Product details

FEATURES
4 MHz Sample Rate, 12-Bit Resolution
Zero Latency
Unipolar, Pseudo Differential Input, Range:
− 0 V to 2.5 V
High Speed Parallel Interface
71 dB SNR and −88.5 dB THD at 1 MHz I/P
Power Dissipation 95 mW at 4 MSPS
Nap Mode (10 mW Power Dissipation)
Power Down (10 W)
Internal Reference
Internal Reference Buffer
48-Pin TQFP and QFN Packages

APPLICATIONS
Optical Networking (DWDM, MEMS Based
Switching)
Spectrum Analyzers
High Speed Data Acquisition Systems
High Speed Close-Loop Systems
Telecommunication
Ultra-Sound Detection

DESCRIPTION
The ADS7881 is a 12-bit 4-MSPS A-to-D converter with
2.5-V internal reference. The device includes a capacitor
based SAR A/D converter with inherent sample and hold.
The device offers a 12-bit parallel interface with an
additional byte mode that provides easy interface with 8-bit
processors. The device has a pseudo-differential input
stage.
The −IN swing of ±200 mV is useful to compensate for
ground voltage mismatch between the ADC and sensor
and also to cancel common-mode noise. With nap mode
enabled, the device operates at lower power when used at
lower conversion rates. The device is available in 48-pin
TQFP and QFN packages.




Similar Part No. - ADS7881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881 Datasheet
1Mb / 30P
16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
959Kb / 29P
16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
ADS7881IPFBR TI-ADS7881IPFBR Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881IPFBR BURR-BROWN-ADS7881IPFBR Datasheet
831Kb / 31P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com