Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7924 Datasheet (PDF) - Texas Instruments

ADS7924 Datasheet PDF - Texas Instruments
Part # ADS7924
Download  ADS7924 Download
File Size   1446.99 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7924 2.2 V, 12-Bit, 4-Channel, MicroPOWER Analog-to-Digital Converter With I2C Interface

ADS7924 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7924 Datasheet PDF - Texas Instruments

Part # ADS7924
Download  ADS7924 Click to download

File Size   1446.99 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7924 2.2 V, 12-Bit, 4-Channel, MicroPOWER Analog-to-Digital Converter With I2C Interface

ADS7924 Datasheet (HTML) - Texas Instruments


ADS7924 Product details

1 Features
1• Intelligent Monitoring:
– Auto-Sequencing of 4-Channel Multiplexer
– Individual Alarm Thresholds for Each Channel
– Programmable Scan Rate
• MicroPOWER™ Monitoring:
– Four-Channel Scanning:
– Every 1 ms → 25 μW
– Every 10 ms → 5 μW
– < 1 μA of Power-Down Current
– Programmable Interrupt Pin Controls
Shutdown/Wakeup of the Microcontroller
– Auto Power-Down Control
– PWRCON Pin Allows Shutdown of External
Operational Amplifiers
• Wide Supply Range:
– Analog Supply: 2.2 V to 5.5 V
– Digital Supply: 1.65 V to 5.5 V
• Small Footprint: 3-mm × 3-mm WQFN

2 Applications
• Portable and Battery-Powered Systems:
– Medical, Communications, Remote Sensor
Signal Monitoring, Power-Supply Monitoring
• Energy Harvesting

3 Description
The ADS7924 is a four-channel, 12-bit, analog-todigital
converter (ADC) with an I2C™ interface. With
its low-power ADC core, support for low-supply
operation, and a flexible measurement sequencer
that essentially eliminates power consumption
between conversions, the ADS7924 forms a complete
monitoring system for power-critical applications such
as battery-powered equipment and energy harvesting
systems.
The ADS7924 features dedicated data registers and
onboard programmable digital threshold comparators
for each input. Alarm conditions can be programmed
that generate an interrupt. The combination of data
buffering, programmable threshold comparisons, and
alarm interrupts minimize the host microcontroller
time needed to supervise the ADS7924.
The four-channel input multiplexer (MUX) is routed
through external pins to allow a common signal
conditioning circuit to be used between the MUX and
ADC, thereby reducing overall component count. The
low-power ADC uses the analog supply as its
reference and can acquire and convert signals in only
10 μs. An onboard oscillator eliminates the need to
supply a master clock.
The ADS7924 is offered in a small 3-mm × 3-mm
WQFN and is fully specified for operation over the
industrial temperature range of –40°C to 85°C.




Similar Part No. - ADS7924

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI-ADS7924 Datasheet
669Kb / 42P
2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7924 TI1-ADS7924 Datasheet
854Kb / 45P
2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7924IRTER TI-ADS7924IRTER Datasheet
669Kb / 42P
2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7924IRTER TI1-ADS7924IRTER Datasheet
1Mb / 50P
4-Channel, MicroPOWER Analog-to-Digital Converter
ADS7924IRTET TI-ADS7924IRTET Datasheet
669Kb / 42P
2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
More results


Similar Description - ADS7924

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7924 TI-ADS7924 Datasheet
669Kb / 42P
2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7924 TI1-ADS7924_14 Datasheet
854Kb / 45P
2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com