Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7884SDBVR Datasheet (PDF) - Texas Instruments

ADS7884SDBVR Datasheet PDF - Texas Instruments
Part # ADS7884SDBVR
Download  ADS7884SDBVR Download
File Size   1390.66 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS

ADS7884SDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7884SDBVR Datasheet PDF - Texas Instruments

Part # ADS7884SDBVR
Download  ADS7884SDBVR Click to download

File Size   1390.66 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS

ADS7884SDBVR Datasheet (HTML) - Texas Instruments


ADS7884SDBVR Product details

1FEATURES
· 3-MHz Sample Rate Serial Device
· 10-Bit Resolution – ADS7884
· 8-Bit Resolution – ADS7885
· Zero Latency
· 48-MHz Serial Interface
· Supply Range: 2.7 V to 5.5 V
· Low Power Dissipation:
– 6.8 mW at 3-V VDD, 2.5 MSPS
– 15 mw at 5-V VDD, 3 MSPS
· ±0.3 LSB INL, ±0.3 LSB DNL – ADS7884
· ±0.15 LSB INL, ±0.1 LSB DNL – ADS7885
· 61.7 dB SINAD, –81 dB THD – ADS7884
· 49.8 dB SINAD, –68 dB THD – ADS7885
· Unipolar Input Range: 0 V to VDD
· Powerdown Current: 1 μA
· Wide Input Bandwidth: 30 MHz at 3 dB
· 6-Pin SOT23 Package

APPLICATIONS
· Base Band Converters in Radio
Communication
· Motor Current/Bus Voltage Sensors in Digital Drives
· Optical Networking (DWDM, MEMS Based
Switching)
· Optical Sensors
· Battery Powered Systems
· Medical Instrumentations
· High-Speed Data Acquisition Systems
· High-Speed Closed-Loop Systems

DESCRIPTION
The ADS7884 is a 10-bit, 3-MSPS analog-to-digital converter (ADC), and the ADS7885 is a 8-bit, 3-MSPS ADC.
The devices include a capacitor based SAR A/D converter with inherent sample and hold. The serial interface in
each device is controlled by the CS and SCLK signals for glueless connections with microprocessors and DSPs.
The input signal is sampled with the falling edge of CS, and SCLK is used for conversion and serial data output.
The devices operate from a wide supply range from 2.7 V to 5.5 V. The low power consumption of the devices
make them suitable for battery-powered applications. The devices also include a power saving powerdown
feature for when the devices are operated at lower conversion speeds.
The high level of the digital input to the device is not limited to device VDD. This means the digital input can go as
high as 5.5 V when device supply is 2.7 V. This feature is useful when digital signals are coming from other
circuit with different supply levels. Also this relaxes restriction on power up sequencing.
The ADS7884 and ADS7885 are available in a 6-pin SOT23 package and are specified for operation from –40°C
to 125°C.




Similar Part No. - ADS7884SDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7884SDBVR BURR-BROWN-ADS7884SDBVR Datasheet
843Kb / 22P
10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results


Similar Description - ADS7884SDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com