Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8555 Datasheet (PDF) - Texas Instruments

ADS8555 Datasheet PDF - Texas Instruments
Part # ADS8555
Download  ADS8555 Download
File Size   933.63 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS8555 16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter

ADS8555 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8555 Datasheet PDF - Texas Instruments

Part # ADS8555
Download  ADS8555 Click to download

File Size   933.63 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS8555 16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter

ADS8555 Datasheet (HTML) - Texas Instruments


ADS8555 Product details

1 Features
1• Six SAR ADCs Grouped in Three Pairs
• Maximum Data Rate Per Channel With Internal
Clock and Reference:
630 kSPS (Parallel) or 450 kSPS (Serial)
• Maximum Data Rate Per Channel With External
Clock and Reference:
800 kSPS (Parallel) or 500 kSPS (Serial)
• Pin-Selectable or Programmable Input Voltage
Ranges: Up to ±12 V
• Excellent AC Performance:
91.5-dB SNR, –94-dB THD
• Programmable and Buffered Internal Reference:
0.5 V to 2.5 V and 0.5 V to 3 V
• Comprehensive Power-Down Modes:
– Deep Power Down (Standby Mode)
– Auto-Nap Power Down
• Selectable Parallel or Serial Interface
• Operating Temperature Range: –40°C to 125°C
• LQFP-64 Package

2 Applications
• Power Quality Measurements
• Protection Relays
• Multi-Axis Motor Controls
• Programmable Logic Controllers
• Industrial Data Acquisition

3 Description
The ADS8555 device contains six low-power, 16-bit,
successive approximation register (SAR)-based
analog-to-digital converters (ADCs) with true bipolar
inputs. Each channel contains a sample-and-hold
circuit that allows simultaneous high-speed multichannel
signal acquisition.
The ADS8555 device supports data rates of up to
630 kSPS in parallel interface mode or up to
450 kSPS if the serial interface is used. The bus
width of the parallel interface can be set to eight or 16
bits. In serial mode, up to three output channels can
be activated.
The ADS8555 device is specified over the extended
industrial temperature range of –40°C to 125°C and is
available in an LQFP-64 package.




Similar Part No. - ADS8555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555 Datasheet
1Mb / 37P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI2-ADS8555 Datasheet
933Kb / 46P
ADS8555 16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
REVISED FEBRUARY 2016
ADS8555SPM TI1-ADS8555SPM Datasheet
1Mb / 37P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555SPM TI1-ADS8555SPM Datasheet
1Mb / 43P
16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Similar Description - ADS8555

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com