Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8881 Datasheet (PDF) - Texas Instruments

ADS8881 Datasheet PDF - Texas Instruments
Part # ADS8881
Download  ADS8881 Download
File Size   1767.31 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter

ADS8881 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8881 Datasheet PDF - Texas Instruments

Part # ADS8881
Download  ADS8881 Click to download

File Size   1767.31 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter

ADS8881 Datasheet (HTML) - Texas Instruments


ADS8881 Product details

1 Features
1• Sample Rate: 1 MHz
• No Latency Output
• Unipolar, True-Differential Input Range:
–VREF to +VREF
• Wide Common-Mode Voltage Range:
0 V to VREF with 90-dB CMRR (min)
• SPI™-Compatible Serial Interface with
Daisy-Chain Option
• Excellent AC and DC Performance:
– ADS8881C:
INL: ±1 LSB (typ), ±2.0 LSB (max)
DNL: ±1.0 LSB (max), 18-Bit NMC
SNR: 100 dB, THD: –115 dB
– ADS8881I:
INL: ±1.5 LSB (typ), ±3.0 LSB (max)
DNL: +1.5 and –1 LSB (max), 18-Bit NMC
SNR: 100 dB, THD: –115 dB
• Wide Operating Range:
– AVDD: 2.7 V to 3.6 V
– DVDD: 2.7 V to 3.6 V
(Independent of AVDD)
– REF: 2.5 V to 5 V (Independent of AVDD)
– Operating Temperature:
ADS8881C : 0°C to +70°C
ADS8881I : –40°C to +85°C
• Low-Power Dissipation:
– 5.5 mW at 1 MSPS
– 0.55 mW at 100 kSPS
– 55 μW at 10 kSPS
• Power-Down Current (AVDD): 50 nA
• Full-Scale Step Settling to 18 Bits: 290 ns
• Packages: MSOP-10 and VSON-10

2 Applications
• Automatic Test Equipment (ATE)
• Instrumentation and Process Controls
• Precision Medical Equipment
• Low-Power, Battery-Operated Instruments

3 Description
The ADS8881 is an 18-bit, 1-MSPS, true-differential
input, analog-to-digital converter (ADC). The device
operates with a 2.5-V to 5-V external reference,
offering a wide selection of signal ranges without
additional input signal scaling. The reference voltage
setting is independent of, and can exceed, the analog
supply voltage (AVDD).
The device offers an SPI-compatible serial interface
that also supports daisy-chain operation for
cascading multiple devices. An optional busyindicator
bit makes synchronizing with the digital host
easy.
The device supports unipolar, true-differential analog
input signals with a differential input swing of –VREF to
VREF. This true-differential analog input structure
allows for a common-mode voltage of any value in
the range of 0 V to VREF (when both inputs are within
the operating input range of –0.1 V to VREF
+ 0.1 V).
Device operation is optimized for very low-power
operation. Power consumption directly scales with
speed. This feature makes the ADS8881 excellent for
lower-speed applications.




Similar Part No. - ADS8881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
1Mb / 44P
18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI1-ADS8881 Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS8881 TI2-ADS8881 Datasheet
1Mb / 40P
ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
REVISED OCTOBER 2014
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Similar Description - ADS8881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com